Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0100404B Datasheet(PDF) 9 Page - Eudyna Devices Inc

Part # F0100404B
Description  3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

F0100404B Datasheet(HTML) 9 Page - Eudyna Devices Inc

Back Button F0100404B Datasheet HTML 2Page - Eudyna Devices Inc F0100404B Datasheet HTML 3Page - Eudyna Devices Inc F0100404B Datasheet HTML 4Page - Eudyna Devices Inc F0100404B Datasheet HTML 5Page - Eudyna Devices Inc F0100404B Datasheet HTML 6Page - Eudyna Devices Inc F0100404B Datasheet HTML 7Page - Eudyna Devices Inc F0100404B Datasheet HTML 8Page - Eudyna Devices Inc F0100404B Datasheet HTML 9Page - Eudyna Devices Inc F0100404B Datasheet HTML 10Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
F0100404B
1.25Gb/s Transimpedance Amplifier
General Description
A transimpedance amplifier is applied as a pre-amplifier which is an amplifier for a faint
photo-current from a PIN photo diode (PD). The performance in terms of sensitivity, band-
width, and so on, obtained by this transimpedance amplifier strongly depend on the capaci-
tance brought at the input terminal; therefore, “typical”, “minimum”, or “maximum” parameter
descriptions can not always be achieved according to the employed PD and package, the
assembling design, and other technical experts. This is the major reason that there is no
product lineup of packaged transimpedance amplifiers.
Thus, for optimum performance of the transimpedance amplifier, it is essential for cus-
tomers to design the input capacitance carefully.
Hardness to electro-magnetic interference and fluctuation of a power supply voltage is
also an important point of the design, because very faint photo-current flows into the
transimpedance amplifier. Therefore, in the assembly design of the interconnection be-
tween a PD and a transimpedance, noise should be taken into consideration.
Recommendation
SEI basically recommends the F08 series PINAMP modules for customers of the
transimpedance amplifiers. In this module, a transimpedance amplifier, a PD, and a noise
filter circuit are mounted on a TO-18-can package hermetically sealed by a lens cap, having
typically a fiber pigtail. The F08 series lineups are the best choice for customers to using the
F01 series transimpedance amplifiers. SEI’s F08 series allows the customers to resolve
troublesome design issues and to shorten the development lead time.
Noise Performance
The F0100404B based on GaAs FET’s shows excellent low-noise characteristics com-
pared with IC’s based on the silicon bipolar process. Many transmission systems often
demand superior signal-to-noise ratio, that is, high sensitivity; the F0100404B is the best
choice for such applications.
The differential circuit configuration in the output enable a complete differential operation
to reduce common mode noise: simple single ended output operation is also available.


Similar Part No. - F0100404B

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
F0100406B EUDYNA-F0100406B Datasheet
276Kb / 10P
   3.3V 1.25Gbit/s NRZ Receiver Transimpedance Amplifier
More results

Similar Description - F0100404B

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA121302D1C ANADIGICS-ATA121302D1C Datasheet
147Kb / 5P
   1.25 GB/S TRANSIMPEDANCE AMPLIFIER
logo
Eudyna Devices Inc
F0100504B EUDYNA-F0100504B Datasheet
399Kb / 13P
   3.3V/5V 2.5Gb/s NRZ Receiver Transimpedance Amplifier
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
logo
SiGe Semiconductor, Inc...
SE1020W SIGE-SE1020W Datasheet
272Kb / 7P
   1.25 Gb/s Transimpedance Amplifier Product Preview
logo
Eudyna Devices Inc
F0100505B EUDYNA-F0100505B Datasheet
564Kb / 12P
   3.3 V /5V 2.5 Gb/s NRZ Receiver Transimpedance Amplifier
F0100406B EUDYNA-F0100406B Datasheet
276Kb / 10P
   3.3V 1.25Gbit/s NRZ Receiver Transimpedance Amplifier
logo
Vitesse Semiconductor C...
VSC7997 VITESSE-VSC7997 Datasheet
425Kb / 2P
   10.7 Gb/s Transimpedance Amplifier
logo
Eudyna Devices Inc
F0100209B EUDYNA-F0100209B Datasheet
443Kb / 6P
   3.3 V /5V 622 Mb/s Receiver Transimpedance Amplifier
F0100109B EUDYNA-F0100109B Datasheet
461Kb / 10P
   3.3 V /5V 156 Mb/s Receiver Transimpedance Amplifier
F0100612B EUDYNA-F0100612B Datasheet
173Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com