Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0513005L Datasheet(PDF) 6 Page - Eudyna Devices Inc

Part # F0513005L
Description  3 Gb/s NRZ Data Rate Laser Diode Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

F0513005L Datasheet(HTML) 6 Page - Eudyna Devices Inc

Back Button F0513005L Datasheet HTML 2Page - Eudyna Devices Inc F0513005L Datasheet HTML 3Page - Eudyna Devices Inc F0513005L Datasheet HTML 4Page - Eudyna Devices Inc F0513005L Datasheet HTML 5Page - Eudyna Devices Inc F0513005L Datasheet HTML 6Page - Eudyna Devices Inc F0513005L Datasheet HTML 7Page - Eudyna Devices Inc F0513005L Datasheet HTML 8Page - Eudyna Devices Inc F0513005L Datasheet HTML 9Page - Eudyna Devices Inc F0513005L Datasheet HTML 10Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
F0513005L
3 Gb/s Laser Diode Driver
Typical DC Characteristics
(1) Switching characteristics
Control Voltage V
M (V)
(V
B=-5.2V, VAPC1=-2.0V, VAPC2=0V)
(V
IN1=-1.8V, VIN2=-0.8V)
Control Voltage V
B (V)
(V
M=-5.2V, VAPC1=0V, VAPC2=-2.0V)
(V
IN1=-0.8V, VIN2=-1.8V)
(a) Modulation Current Switching
(b) Output Current Switching
0
50
100
0
50
100
-0.8
-1.3
-1.8
-0.8
-1.3
-1.8
Input Voltage V
IN1(V)
(V
B=-5.2V, VAPC1=-2.0V,VAPC2=-0V)
Input Voltage V
IN1(V)
(V
B=-5V, VAPC1=-1.3V,VAPC2=-1.3V)
V
M=-4.2V
V
M=-4.5V
V
M=-3.9V
V
M=-4.2V
V
M=-4.5V
V
M=-3.9V
0
50
100
0
50
100
-3.5
-4.5
-5.5
-4.2
-4.7
-5.5
(a) Modulation Current vs V
M
(b) Maximum Bias Current ns V
B


Similar Part No. - F0513005L

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
F051301 E-SWITCH-F051301 Datasheet
29Kb / 1P
   All Dimension In MM
More results

Similar Description - F0513005L

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
F0532506Q EUDYNA-F0532506Q Datasheet
501Kb / 15P
   3.3 V 2.5 Gb/s NRZ Data Rate Laser Diode Driver
F0539951Q EUDYNA-F0539951Q Datasheet
154Kb / 9P
   10.0Gb/s NRZ Data Rate Laser Diode Driver
logo
Vitesse Semiconductor C...
VSC7992 VITESSE-VSC7992 Datasheet
459Kb / 2P
   10.7 Gb/s RZ or NRZ Laser Modulator Driver
VSC5529 VITESSE-VSC5529 Datasheet
433Kb / 2P
   9.9 Gb/s - 12.5 Gb/s NRZ LiNbO3 Modulator Driver
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND 3 Gb/s BTS
logo
Zarlink Semiconductor I...
ZL40518 ZARLINK-ZL40518 Datasheet
330Kb / 16P
   3 Channel Laser Diode Driver
logo
Eudyna Devices Inc
F0100505B EUDYNA-F0100505B Datasheet
564Kb / 12P
   3.3 V /5V 2.5 Gb/s NRZ Receiver Transimpedance Amplifier
logo
California Eastern Labs
NX6314EH CEL-NX6314EH Datasheet
903Kb / 6P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH P2P AND 3 Gb/s BTS
logo
Renesas Technology Corp
NX8346TB RENESAS-NX8346TB Datasheet
196Kb / 10P
   LASER DIODE 1310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
Analog Devices
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com