Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV128MTXI-70R Datasheet(PDF) 8 Page - Macronix International

Part # MX29LV128MTXI-70R
Description  64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV128MTXI-70R Datasheet(HTML) 8 Page - Macronix International

Back Button MX29LV128MTXI-70R Datasheet HTML 4Page - Macronix International MX29LV128MTXI-70R Datasheet HTML 5Page - Macronix International MX29LV128MTXI-70R Datasheet HTML 6Page - Macronix International MX29LV128MTXI-70R Datasheet HTML 7Page - Macronix International MX29LV128MTXI-70R Datasheet HTML 8Page - Macronix International MX29LV128MTXI-70R Datasheet HTML 9Page - Macronix International MX29LV128MTXI-70R Datasheet HTML 10Page - Macronix International MX29LV128MTXI-70R Datasheet HTML 11Page - Macronix International MX29LV128MTXI-70R Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
8
P/N:PM1093
REV. 1.1, AUG. 11, 2005
MX29LV64xM H/L
Sector
Sector Address
Sector Size
(x8)
(x16)
A21-A12
(Kbytes/Kwords)
Address Range
Address Range
SA80
1010000xxx
64/32
500000h-50FFFFh
280000h-287FFFh
SA81
1010001xxx
64/32
510000h-51FFFFh
288000h-28FFFFh
SA82
1010010xxx
64/32
520000h-52FFFFh
290000h-297FFFh
SA83
1010011xxx
64/32
530000h-53FFFFh
298000h-29FFFFh
SA84
1010100xxx
64/32
540000h-54FFFFh
2A0000h-2A7FFFh
SA85
1010101xxx
64/32
550000h-55FFFFh
2A8000h-2AFFFFh
SA86
1010110xxx
64/32
560000h-56FFFFh
2B0000h-2B7FFFh
SA87
1010111xxx
64/32
570000h-57FFFFh
2B8000h-2BFFFFh
SA88
1011000xxx
64/32
580000h-58FFFFh
2C0000h-2C7FFFh
SA89
1011001xxx
64/32
590000h-59FFFFh
2C8000h-2CFFFFh
SA90
1011010xxx
64/32
5A0000h-5AFFFFh
2D0000h-2D7FFFh
SA91
1011011xxx
64/32
5B0000h-5BFFFFh
2D8000h-2DFFFFh
SA92
1011100xxx
64/32
5C0000h-5CFFFFh
2E0000h-2E7FFFh
SA93
1011101xxx
64/32
5D0000h-5DFFFFh
2E8000h-2EFFFFh
SA94
1011110xxx
64/32
5E0000h-5EFFFFh
2F0000h-2F7FFFh
SA95
1011111xxx
64/32
5F0000h-5FFFFFh
2F8000h-2FFFFFh
SA96
1100000xxx
64/32
600000h-60FFFFh
300000h-307FFFh
SA97
1100001xxx
64/32
610000h-61FFFFh
308000h-30FFFFh
SA98
1100010xxx
64/32
620000h-62FFFFh
310000h-317FFFh
SA99
1100011xxx
64/32
630000h-63FFFFh
318000h-31FFFFh
SA100
1100100xxx
64/32
640000h-64FFFFh
320000h-327FFFh
SA101
1100101xxx
64/32
650000h-65FFFFh
328000h-32FFFFh
SA102
1100110xxx
64/32
660000h-66FFFFh
330000h-337FFFh
SA103
1100111xxx
64/32
670000h-67FFFFh
338000h-33FFFFh
SA104
1101000xxx
64/32
680000h-68FFFFh
340000h-347FFFh
SA105
1101001xxx
64/32
690000h-69FFFFh
348000h-34FFFFh
SA106
1101010xxx
64/32
6A0000h-6AFFFFh
350000h-357FFFh
SA107
1101011xxx
64/32
6B0000h-6BFFFFh
358000h-35FFFFh
SA108
1101100xxx
64/32
6C0000h-6CFFFFh
360000h-347FFFh
SA109
1101101xxx
64/32
6D0000h-6DFFFFh
368000h-34FFFFh
SA110
1101110xxx
64/32
6E0000h-6EFFFFh
370000h-377FFFh
SA111
1101111xxx
64/32
6F0000h-6FFFFFh
378000h-37FFFFh
SA112
1110000xxx
64/32
700000h-70FFFFh
380000h-387FFFh
SA113
1110001xxx
64/32
710000h-71FFFFh
388000h-38FFFFh
SA114
1110010xxx
64/32
720000h-72FFFFh
390000h-397FFFh
SA115
1110011xxx
64/32
730000h-73FFFFh
398000h-39FFFFh
SA116
1110100xxx
64/32
740000h-74FFFFh
3A0000h-3A7FFFh
SA117
1110101xxx
64/32
750000h-75FFFFh
3A8000h-3AFFFFh
SA118
1110110xxx
64/32
760000h-76FFFFh
3B0000h-3B7FFFh
SA119
1110111xxx
64/32
770000h-77FFFFh
3B8000h-3BFFFFh


Similar Part No. - MX29LV128MTXI-70R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MHTC-10 MCNIX-MX29LV128MHTC-10 Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MHTC-90Q MCNIX-MX29LV128MHTC-90Q Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MHTC-90R MCNIX-MX29LV128MHTC-90R Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MHTI-10 MCNIX-MX29LV128MHTI-10 Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29LV128MTXI-70R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com