Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE707 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EDE707
Description  Octal Seven-Segment Display IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EDE707 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  EDE707 Datasheet HTML 1Page - List of Unclassifed Manufacturers EDE707 Datasheet HTML 2Page - List of Unclassifed Manufacturers EDE707 Datasheet HTML 3Page - List of Unclassifed Manufacturers EDE707 Datasheet HTML 4Page - List of Unclassifed Manufacturers EDE707 Datasheet HTML 5Page - List of Unclassifed Manufacturers EDE707 Datasheet HTML 6Page - List of Unclassifed Manufacturers EDE707 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EDE707 Octal Seven-Segment Display IC
Page 7/7
Important Note: Although we strive to maintain a high degree of technical accuracy, this document may contain typographical errors or other
inaccuracies. We reserve the right to correct any inaccuracy in future editions of this document without notice. This document and examples
contained herein are provided 'As Is' without warranty of any kind expressed or implied. This document is to be used for informational
purposes only and may not be duplicated for commercial purposes other than by distributors authorized by E-Lab Digital Engineering, Inc.
The EDE707 IC is implemented as firmware on a 0.7 micron-process RISC core. For a more comprehensive technical summary of this core
device, please refer to the Microchip Technology PIC16C57C datasheet (available from the E-Lab web site).
ABSOLUTE MAXIMUM RATINGS
Oscillator frequency .......................................... 4 MHz
Supply Voltage ................................................... 5.5V
Max. current sunk by an output pin .................. 25mA
Max. current sourced by an output pin ............. 20mA
STANDARD OPERATING CONDITIONS
Supply voltage ................................................. 4.5V to 5.5V
Operating temperature ..................................... 0
°C to +70°C
IMPORTANT NOTICE
E-LAB Digital Engineering, Inc. (E-LAB), reserves the right to
change products or specifications without notice. Customers are
advised to obtain the latest versions of product specifications,
which should be considered when evaluating a product’s
appropriateness for a particular use.
THIS PRODUCT IS WARRANTED TO COMPLY WITH E-LAB’S
SPECIFICATION SHEET AT THE TIME OF DELIVERY. BY USING
THIS PRODUCT, CUSTOMER AGREES THAT IN NO EVENT
SHALL E-LAB BE LIABLE FOR ANY DIRECT, INDIRECT,
SPECIAL, INCIDENTAL OR CONSEQUENTIAL DAMAGES AS A
RESULT OF THE PERFORMANCE, OR FAILURE TO PERFORM,
OF THIS PRODUCT.
E-LAB MAKES NO OTHER WARRANTIES, EXPRESSED OR
IMPLIED, INCLUDING ANY IMPLIED WARRANTIES OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR
PURPOSE.
E-LAB’s LIABILITY IS FOR A PERIOD NO GREATER THAN 90
DAYS FROM DATE OF SHIPMENT BY E-LAB AND IS LIMITED
TO REPLACEMENT OF DEFECTIVE PRODUCT. This warranty
covers only defects arising under normal use and not malfunctions
resulting from misuse, abuse, modification, or repairs by anyone
other than E-LAB.
E-LAB’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS
CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR
SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF
THE PRESIDENT OF E-LAB. Life support devices or systems are
those which are intended to support or sustain life and whose
failure to perform can be reasonably expected to result in a
significant injury or death to the user. Critical components are
those whose failure to perform can be reasonably expected to
cause failure of a life support device or system or affect its safety
or effectiveness
.
COPYRIGHT NOTICE
This product may not be duplicated. E-LAB Digital Engineering, Inc. holds all copyrights on firmware, with all rights reserved. Unauthorized
duplication of this device will be subject to penalty under state and/ or federal law.
EDE707 and the E-LAB logo are trademarks of E-LAB Digital Engineering, Inc. All other trademarks and registered trademarks are property of
their respective owners.
CONTACTING US
We are continually updating our product line. Please contact us for our latest product information.
E-LAB Digital Engineering, Inc.
Carefree Industrial Park
1600 N. State Rte. 291 Hwy. Ste. 330
Independence, MO 64056
Telephone: (816) 257-9954
FAX: (816) 257-9945
Internet:
www.elabinc.com
E-Mail:
support@elabinc.com
Engineering Design-In Support is available free of
charge for the EDE707 Seven-Segment LED Display IC.


Similar Part No. - EDE707

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDE700 ETC1-EDE700 Datasheet
208Kb / 10P
   LCD Interface IC
EDE702 ETC-EDE702 Datasheet
458Kb / 9P
   Serial LCD Interface IC
More results

Similar Description - EDE707

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
Siemens Semiconductor G...
HD1105 SIEMENS-HD1105 Datasheet
645Kb / 6P
   SEVEN SEGMENT DISPLAY 10mm
logo
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
   SEVEN SEGMENT NUMERIC DISPLAY
logo
List of Unclassifed Man...
5611-BSR ETC2-5611-BSR Datasheet
60Kb / 2P
   Seven segment LED display
logo
Siemens Semiconductor G...
HD1131 SIEMENS-HD1131 Datasheet
644Kb / 6P
   SEVEN SEGMENT DISPLAY 13MM
logo
LUMEX INC.
LDS-A404RU LUMEX-LDS-A404RU Datasheet
123Kb / 1P
   RED, SEVEN SEGMENT DISPLAY
LDS-A403RI LUMEX-LDS-A403RI Datasheet
45Kb / 1P
   YELLOW SEVEN SEGMENT DISPLAY
logo
Siemens Semiconductor G...
HD1075 SIEMENS-HD1075 Datasheet
648Kb / 6P
   Seven Segment display 7mm
logo
Kingbright Corporation
SA50-21GWA KINGBRIGHT-SA50-21GWA Datasheet
90Kb / 3P
   14.2mm (0.50INCH) SEVEN SEGMENT DISPLAY
logo
Vishay Siliconix
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com