Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29GL033MBTI-90G Datasheet(PDF) 11 Page - Macronix International

Part # MX29GL033MBTI-90G
Description  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL033MBTI-90G Datasheet(HTML) 11 Page - Macronix International

Back Button MX29GL033MBTI-90G Datasheet HTML 7Page - Macronix International MX29GL033MBTI-90G Datasheet HTML 8Page - Macronix International MX29GL033MBTI-90G Datasheet HTML 9Page - Macronix International MX29GL033MBTI-90G Datasheet HTML 10Page - Macronix International MX29GL033MBTI-90G Datasheet HTML 11Page - Macronix International MX29GL033MBTI-90G Datasheet HTML 12Page - Macronix International MX29GL033MBTI-90G Datasheet HTML 13Page - Macronix International MX29GL033MBTI-90G Datasheet HTML 14Page - Macronix International MX29GL033MBTI-90G Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
11
P/N:PM1134
REV. 1.1, FEB. 08, 2006
MX29LV128M H/L
Sector
Sector Address
Sector Size
(x8)
(x16)
A22-A15
(Kbytes/Kwords)
Address Range
Address Range
SA241
11110001
64/32
F10000-1FFFF
788000-8FFFF
SA242
11110010
64/32
F20000-2FFFF
790000-97FFF
SA243
11110011
64/32
F30000-3FFFF
798000-9FFFF
SA244
11110100
64/32
F40000-4FFFF
7A0000-A7FFF
SA245
11110101
64/32
F50000-5FFFF
7A8000-AFFFF
SA246
11110110
64/32
F60000-6FFFF
7B0000-B7FFF
SA247
11110111
64/32
F70000-7FFFF
7B8000-BFFFF
SA248
11111000
64/32
F80000-8FFFF
7C0000-C7FFF
SA249
11111001
64/32
F90000-9FFFF
7C8000-CFFFF
SA250
11111010
64/32
FA0000-AFFFF
7D0000-D7FFF
SA251
11111011
64/32
FB0000-BFFFF
7D8000-DFFFF
SA252
11111100
64/32
FC0000-CFFFF
7E0000-E7FFF
SA253
11111101
64/32
FD0000-DFFFF
7E8000-EFFFF
SA254
11111110
64/32
FE0000-EFFFF
7F0000-F7FFF
SA255
11111111
64/32
FF0000-FFFFF
7F8000-FFFFF


Similar Part No. - MX29GL033MBTI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL033MBTI-90G MCNIX-MX29GL033MBTI-90G Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBTI-90G MCNIX-MX29GL033MBTI-90G Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29GL033MBTI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com