Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV320MTXI-90R Datasheet(PDF) 10 Page - Macronix International

Part # MX29LV320MTXI-90R
Description  64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV320MTXI-90R Datasheet(HTML) 10 Page - Macronix International

Back Button MX29LV320MTXI-90R Datasheet HTML 6Page - Macronix International MX29LV320MTXI-90R Datasheet HTML 7Page - Macronix International MX29LV320MTXI-90R Datasheet HTML 8Page - Macronix International MX29LV320MTXI-90R Datasheet HTML 9Page - Macronix International MX29LV320MTXI-90R Datasheet HTML 10Page - Macronix International MX29LV320MTXI-90R Datasheet HTML 11Page - Macronix International MX29LV320MTXI-90R Datasheet HTML 12Page - Macronix International MX29LV320MTXI-90R Datasheet HTML 13Page - Macronix International MX29LV320MTXI-90R Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
10
P/N:PM1093
REV. 1.1, AUG. 11, 2005
MX29LV64xM H/L
MX29LV640M H/L Sector Group Protection Ad-
dress Table
Sector Group
A21-A15
SA0
0000000
SA1
0000001
SA2
0000010
SA3
0000011
SA4-SA7
00001xx
SA8-SA11
00010xx
SA12-SA15
00011xx
SA16-SA19
00100xx
SA20-SA23
00101xx
SA24-SA27
00110xx
SA28-SA31
00111xx
SA32-SA35
01000xx
SA36-SA39
01001xx
SA40-SA43
01010xx
SA44-SA47
01011xx
SA48-SA51
01100xx
SA52-SA55
01101xx
SA56-SA59
01110xx
SA60-SA63
01111xx
SA64-SA67
10000xx
SA68-SA71
10001xx
SA72-SA75
10010xx
SA76-SA79
10011xx
SA80-SA83
10100xx
SA84-SA87
10101xx
SA88-SA91
10110xx
SA92-SA95
10111xx
SA96-SA99
11000xx
SA100-SA103
11001xx
SA104-SA107
11010xx
SA108-SA111
11011xx
SA112-SA115
11100xx
SA116-SA119
11101xx
SA120-SA123
11110xx
SA124
1111100
SA125
1111101
SA126
1111110
SA127
1111111
MX29LV641M H/L Sector Group Protection Ad-
dress Table
Sector Group
A21-A15
SA0-SA3
00000
SA4-SA7
00001
SA8-SA11
00010
SA12-SA15
00011
SA16-SA19
00100
SA20-SA23
00101
SA24-SA27
00110
SA28-SA31
00111
SA32-SA35
01000
SA36-SA39
01001
SA40-SA43
01010
SA44-SA47
01011
SA48-SA51
01100
SA52-SA55
01101
SA56-SA59
01110
SA60-SA63
01111
SA64-SA67
10000
SA68-SA71
10001
SA72-SA75
10010
SA76-SA79
10011
SA80-SA83
10100
SA84-SA87
10101
SA88-SA91
10110
SA92-SA95
10111
SA96-SA99
11000
SA100-SA103
11001
SA104-SA107
11010
SA108-SA111
11011
SA112-SA115
11100
SA116-SA119
11101
SA120-SA123
11110
SA124-SA127
11111


Similar Part No. - MX29LV320MTXI-90R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320MTXBC-70Q MCNIX-MX29LV320MTXBC-70Q Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTXBC-70R MCNIX-MX29LV320MTXBC-70R Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTXBC-90 MCNIX-MX29LV320MTXBC-90 Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTXBC-90G MCNIX-MX29LV320MTXBC-90G Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTXBI-90 MCNIX-MX29LV320MTXBI-90 Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV320MTXI-90R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com