Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29GL065MBMC-70Q Datasheet(PDF) 9 Page - Macronix International

Part # MX29GL065MBMC-70Q
Description  32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL065MBMC-70Q Datasheet(HTML) 9 Page - Macronix International

Back Button MX29GL065MBMC-70Q Datasheet HTML 5Page - Macronix International MX29GL065MBMC-70Q Datasheet HTML 6Page - Macronix International MX29GL065MBMC-70Q Datasheet HTML 7Page - Macronix International MX29GL065MBMC-70Q Datasheet HTML 8Page - Macronix International MX29GL065MBMC-70Q Datasheet HTML 9Page - Macronix International MX29GL065MBMC-70Q Datasheet HTML 10Page - Macronix International MX29GL065MBMC-70Q Datasheet HTML 11Page - Macronix International MX29GL065MBMC-70Q Datasheet HTML 12Page - Macronix International MX29GL065MBMC-70Q Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
9
P/N:PM1136
REV. 1.1, AUG. 11, 2005
MX29LV320M H/L
Table 2. AUTOSELECT CODES (High Voltage Method)
A20 A14
A8
A5
A3
Q8 to Q15
Description
CE# OE# WE#
to
to
A9
to
A6
to
to
A1 A0
Word
Byte
Q7 to Q0
A15 A10
A7
A4
A2
Mode
Mode
Manufacturer ID
L
L
H
X
X
VID
X
L
X
L
L
L
00
X
C2h
Cycle 1
L
L
H
22
X
7Eh
Cycle 2
L
L
H
X
X
VID
X
L
X
H
H
L
22
X
1Dh
Cycle 3
H
H
H
22
X
00h
Sector Group
01h (protected),
Protection
L
L
H
SA
X
VID
X
L
X
L
H
L
X
X
Verification
00h (unprotected)
Secured Silicon
98h
Sector Indicator
(factory locked),
Bit (Q7), WP#
L
L
H
X
X
VID
X
L
X
L
H
H
X
X
protects highest
18h
address sector
(not factory locked)
Secured Silicon
88h
Sector Indicator
(factory locked),
Bit (Q7), WP#
L
L
H
X
X
VID
X
L
X
L
H
H
X
X
protects lowest
08h
address sector
(not factory locked)
Legend: L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don't care.


Similar Part No. - MX29GL065MBMC-70Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL065MBMC-70Q MCNIX-MX29GL065MBMC-70Q Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29GL065MBMC-70Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033C ETC1-MX29LV033C Datasheet
530Kb / 57P
   32M-BIT COMSEQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com