Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV640MLTC-90 Datasheet(PDF) 1 Page - Macronix International

Part # MX29LV640MLTC-90
Description  64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV640MLTC-90 Datasheet(HTML) 1 Page - Macronix International

  MX29LV640MLTC-90 Datasheet HTML 1Page - Macronix International MX29LV640MLTC-90 Datasheet HTML 2Page - Macronix International MX29LV640MLTC-90 Datasheet HTML 3Page - Macronix International MX29LV640MLTC-90 Datasheet HTML 4Page - Macronix International MX29LV640MLTC-90 Datasheet HTML 5Page - Macronix International MX29LV640MLTC-90 Datasheet HTML 6Page - Macronix International MX29LV640MLTC-90 Datasheet HTML 7Page - Macronix International MX29LV640MLTC-90 Datasheet HTML 8Page - Macronix International MX29LV640MLTC-90 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
1
P/N:PM1093
REV. 1.1, AUG. 11, 2005
MX29LV64xM H/L
64M-BIT SINGLE VOLTAGE 3V ONLY
UNIFORM SECTOR FLASH MEMORY
FEATURES
GENERAL FEATURES
• Single Power Supply Operation
- 2.7 to 3.6 volt for read, erase, and program opera-
tions
• Configuration
- 8,388,608 x 8 / 4,194,304 x 16 switchable (for
MX29LV640M H/L)
- 4,194,304 x 16 (for MX29LV641M H/L)
• Sector structure
- 64KB(32KW) x 128
• Sector Protection/Chip Unprotect
- Provides sector group protect function to prevent
program or erase operation in the protected sector
group
- Provides chip unprotect function to allow code
changes
- Provides temporary sector group unprotect function
for code changes in previously protected sector groups
• Secured Silicon Sector
- Provides a 128-word/256-byte area for code or data
that can be permanently protected.
- Once this sector is protected, it is prohibited to pro-
gram or erase within the sector again.
• Latch-up protected to 250mA from -1V to Vcc + 1V
• Low Vcc write inhibit is equal to or less than 1.5V
• Compatible with JEDEC standard
- Pin-out and software compatible to single power sup-
ply Flash
PERFORMANCE
• High Performance
- Fast access time: 90ns
- Page read time: 25ns
- Sector erase time: 0.5s (typ.)
- 4 word/8 byte page read buffer
- 16 word/ 32 byte write buffer: reduces programming
time for multiple-word/byte updates
• Low Power Consumption
- Active read current: 18mA(typ.)
- Active write current: 20mA(typ.)
- Standby current: 20uA(typ.)
• Minimum 100,000 erase/program cycle
• 20-years data retention
SOFTWARE FEATURES
• Support Common Flash Interface (CFI)
- Flash device parameters stored on the device and
provide the host system to access.
• Program Suspend/Program Resume
- Suspend program operation to read other sectors
• Erase Suspend/ Erase Resume
- Suspends sector erase operation to read data/pro-
gram other sectors
• Status Reply
- Data# polling & Toggle bits provide detection of pro-
gram and erase operation completion
HARDWARE FEATURES
• Ready/Busy (RY/BY#) Output (for MX29LV640M H/L
only)
- Provides a hardware method of detecting program
and erase operation completion
• Hardware Reset (RESET#) Input
- Provides a hardware method to reset the internal
state machine to read mode
• WP#/ACC input
- Write protect (WP#) function allows protection high-
est or lowest sector, regardless of sector protection
settings
- ACC (high voltage) accelerates programming time
for higher throughput during system
PACKAGE
• 48-pin TSOP (for MX29LV641M H/L)
• 56-pin TSOP (for MX29LV640M H/L)
GENERAL DESCRIPTION
The MX29LV64xM H/L is a 64-mega bit Flash memory
organized as 8M bytes of 8 bits or 4M words of 16 bits
(for MX29LV640M H/L), or 4M words of 16bits (for
MX29LV641M H/L). MXIC's Flash memories offer the
most cost-effective and reliable read/write non-volatile
random access memory. The MX29LV64xM H/L is pack-
aged in 48-pin TSOP and 56-pin TSOP. It is designed to
be reprogrammed and erased in system or in standard
EPROM programmers.
The standard MX29LV64xM H/L offers access time as
fast as 90ns, allowing operation of high-speed micropro-
cessors without wait states. To eliminate bus conten-
tion, the MX29LV64xM H/L has separate chip enable


Similar Part No. - MX29LV640MLTC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640MBTC-90 MCNIX-MX29LV640MBTC-90 Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MBTC-90G MCNIX-MX29LV640MBTC-90G Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MBTI-90 MCNIX-MX29LV640MBTI-90 Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MBTI-90G MCNIX-MX29LV640MBTI-90G Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MBXBC-90 MCNIX-MX29LV640MBXBC-90 Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV640MLTC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com