Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLD3F10NP-A Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FLD3F10NP-A
Description  1,310nm Modulator Integrated DFB Laser
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLD3F10NP-A Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FLD3F10NP-A Datasheet HTML 1Page - Eudyna Devices Inc FLD3F10NP-A Datasheet HTML 2Page - Eudyna Devices Inc FLD3F10NP-A Datasheet HTML 3Page - Eudyna Devices Inc FLD3F10NP-A Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FLD3F10NP-A
Fig. 3 Extinction Ratio
vs. Modulation Voltage
Fig. 4 Cut-off Frequency (S21)
Frequency (GHz)
Modulation Voltage (V)
-10
-5
0
-15
-20
-25
0.5
1.0
1.5
2.0
2.5
0
510
15
20
0
-12
-9
-6
-3
0
3
6
9
12
Fig. 5 RF Return Loss (S11)
Frequency (GHz)
510
15
20
0
-40
-30
-20
-10
0
10
20
30
40
10 Gb/s
PRBS=223-1
IF=Iop
Vm=Vo/(Vo-2)
Vo=-0.3V
TLD=+25°C
Pf
Im
Fig. 1 Lasing Spectrum
Wavelength (Span=1 nm/div, Res.=0.1nm)
Fig. 2 Output Pwer & Monitor Current
vs. Forward Current
Forward Current, IF (mA)
3
4
2
1
20
40
60
80
100
0
0
1.5
2.0
1.0
0.5
0
1,310nm Modulator
Integrated DFB Laser


Similar Part No. - FLD3F10NP-A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FLD3F12JL FUJITSU-FLD3F12JL Datasheet
298Kb / 6P
   1,310nm MQW-DFB Return Path Laser
More results

Similar Description - FLD3F10NP-A

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD3F7CZ EUDYNA-FLD3F7CZ Datasheet
219Kb / 6P
   1,310nm DFB CATV Laser
FLD3F8CZ EUDYNA-FLD3F8CZ Datasheet
224Kb / 7P
   1,310nm DFB CATV Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP EUDYNA-FLD5F20NP Datasheet
292Kb / 5P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-E EUDYNA-FLD5F20NP-E Datasheet
297Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
logo
Fujitsu Component Limit...
FLD3F12JL FUJITSU-FLD3F12JL Datasheet
298Kb / 6P
   1,310nm MQW-DFB Return Path Laser
logo
Mitsubishi Electric Sem...
ML9XX31 MITSUBISHI-ML9XX31 Datasheet
46Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX41 MITSUBISHI-ML9XX41 Datasheet
109Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX17 MITSUBISHI-ML9XX17 Datasheet
6Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com