Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F448ISPSQTP Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC18F448ISPSQTP
Description  High Performance, 28/40-Pin Enhanced FLASH Microcontrollers with CAN
Download  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F448ISPSQTP Datasheet(HTML) 4 Page - Microchip Technology

  PIC18F448ISPSQTP Datasheet HTML 1Page - Microchip Technology PIC18F448ISPSQTP Datasheet HTML 2Page - Microchip Technology PIC18F448ISPSQTP Datasheet HTML 3Page - Microchip Technology PIC18F448ISPSQTP Datasheet HTML 4Page - Microchip Technology PIC18F448ISPSQTP Datasheet HTML 5Page - Microchip Technology PIC18F448ISPSQTP Datasheet HTML 6Page - Microchip Technology PIC18F448ISPSQTP Datasheet HTML 7Page - Microchip Technology PIC18F448ISPSQTP Datasheet HTML 8Page - Microchip Technology PIC18F448ISPSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 384 page
background image
PIC18FXX8
DS41159B-page 2
Preliminary
 2002 Microchip Technology Inc.
Pin Diagrams
Device
Program Memory
Data Memory
I/O
10-bit
A/D
(ch)
CCP/
ECCP
(PWM)
MSSP
USART
Timers
8/16-bit
FLASH
(bytes)
# Single
Word
Instructions
SRAM
(bytes)
EEPROM
(bytes)
SPI
Master
I2C
PIC18F248
16K
8192
768
256
22
5
1/0
Y
Y
Y
1/3
PIC18F258
32K
16384
1536
256
22
5
1/0
Y
Y
Y
1/3
PIC18F448
16K
8192
768
256
33
8
2
1/1
Y
Y
Y
1/3
PIC18F458
32K
16384
1536
256
33
8
2
1/1
Y
Y
Y
1/3
RB7/PGD
RB6/PGC
RB5/PGM
RB4
RB3/CANRX
RB2/CANTX/INT2
RB1/INT1
RB0/INT0
VDD
VSS
RD7/PSP7/P1D
RD6/PSP6/P1C
RD5/PSP5/P1B
RD4/PSP4/ECCP1/P1A
RC7/RX/DT
RC6/TX/CK
RC5/SDO
RC4/SDI/SDA
RD3/PSP3/C2IN-
RD2/PSP2/C2IN+
MCLR/VPP
RA0/AN0/CVREF
RA1/AN1
RA2/AN2/VREF-
RA3/AN3/VREF+
RA4/T0CKI
RA5/AN4/SS/LVDIN
RE0/AN5/RD
RE1/AN6/WR/C1OUT
RE2/AN7/CS/C2OUT
VDD
VSS
OSC1/CLKI
OSC2/CLKO/RA6
RC0/T1OSO/T1CKI
RC1/T1OSI
RC2/CCP1
RC3/SCK/SCL
RD0/PSP0/C1IN+
RD1/PSP1/C1IN-
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
PDIP
RB3/CANRX
PIC18F458
PLCC
7
8
9
10
11
12
13
14
15
16
17
29
30
31
32
33
34
35
36
37
38
39
RB2/CANTX/INT2
RB1/INT1
RB0/INT0
VDD
RD7/PSP7/P1D
VSS
RD6/PSP6/P1C
RD5/PSP5/P1B
RD4/PSP4/ECCP1/P1A
RC7/RX/DT
RA4/T0CKI
RA5/AN4/SS/LVDIN
RE0/AN5/RD
RE1/AN6/WR/C1OUT
RE2/AN7/CS/C2OUT
VDD
VSS
OSC1/CLKI
OSC2/CLKO/RA6
NC
RC0/T1OSO/T1CK1
PIC18F448


Similar Part No. - PIC18F448ISPSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F448 MICROCHIP-PIC18F448 Datasheet
7Mb / 402P
   28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
2004
PIC18F448-E/L MICROCHIP-PIC18F448-E/L Datasheet
6Mb / 402P
   28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
2006
PIC18F448-E/LQTP MICROCHIP-PIC18F448-E/LQTP Datasheet
6Mb / 402P
   28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
2006
PIC18F448-E/LSQTP MICROCHIP-PIC18F448-E/LSQTP Datasheet
6Mb / 402P
   28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
2006
PIC18F448-E/P MICROCHIP-PIC18F448-E/P Datasheet
6Mb / 402P
   28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
2006
More results

Similar Description - PIC18F448ISPSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18FXX8 MICROCHIP-PIC18FXX8_06 Datasheet
6Mb / 402P
   28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
2006
PIC18FXX8 MICROCHIP-PIC18FXX8 Datasheet
7Mb / 402P
   28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
2004
PIC16F877A MICROCHIP-PIC16F877A Datasheet
3Mb / 234P
   28/40-pin Enhanced FLASH Microcontrollers
2003
PIC16LF876A-I MICROCHIP-PIC16LF876A-I Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F876AT-I-SO MICROCHIP-PIC16F876AT-I-SO Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F877A-IL MICROCHIP-PIC16F877A-IL Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F877AT-I-PTG MICROCHIP-PIC16F877AT-I-PTG Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F873A-ISP MICROCHIP-PIC16F873A-ISP Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
2001-2013
PIC16F877A-E MICROCHIP-PIC16F877A-E Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16LF877A-I MICROCHIP-PIC16LF877A-I Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com