Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV065MTMI-70Q Datasheet(PDF) 11 Page - Macronix International

Part # MX29LV065MTMI-70Q
Description  32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV065MTMI-70Q Datasheet(HTML) 11 Page - Macronix International

Back Button MX29LV065MTMI-70Q Datasheet HTML 7Page - Macronix International MX29LV065MTMI-70Q Datasheet HTML 8Page - Macronix International MX29LV065MTMI-70Q Datasheet HTML 9Page - Macronix International MX29LV065MTMI-70Q Datasheet HTML 10Page - Macronix International MX29LV065MTMI-70Q Datasheet HTML 11Page - Macronix International MX29LV065MTMI-70Q Datasheet HTML 12Page - Macronix International MX29LV065MTMI-70Q Datasheet HTML 13Page - Macronix International MX29LV065MTMI-70Q Datasheet HTML 14Page - Macronix International MX29LV065MTMI-70Q Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
11
P/N:PM1136
REV. 1.1, AUG. 11, 2005
MX29LV320M H/L
STANDBY MODE
When using both pins of CE# and RESET#, the device
enter CMOS Standby with both pins held at VCC
±0.3V.
If CE# and RESET# are held at VIH, but not within the
range of VCC
±0.3V, the device will still be in the standby
mode, but the standby current will be larger. During Auto
Algorithm operation, VCC active current (ICC2) is required
even CE# = "H" until the operation is completed. The
device can be read with standard access time (tCE) from
either of these standby modes, before it is ready to read
data.
AUTOMATIC SLEEP MODE
The automatic sleep mode minimizes Flash device en-
ergy consumption.The device automatically enables this
mode when address remain stable for tACC+30ns. The
automatic sleep mode is independent of the CE#, WE#,
and OE# control signals. Standard address access tim-
ings provide new data when addresses are changed.While
in sleep mode, output data is latched and always avail-
able to the system. ICC4 in the DC Characteristics table
represents the automatic sleep mode current specifica-
tion.
OUTPUT DISABLE
With the OE# input at a logic high level (VIH), output
from the devices are disabled. This will cause the output
pins to be in a high impedance state.
RESET# OPERATION
The RESET# pin provides a hardware method of resetting
the device to reading array data. When the RESET# pin
is driven low for at least a period of tRP, the device
immediately terminates any operation in progress,
tristates all output pins, and ignores all read/write
commands for the duration of the RESET# pulse. The
device also resets the internal state machine to reading
array data. The operation that was interrupted should be
reinitiated once the device is ready to accept another
command sequence, to ensure data integrity
Current is reduced for the duration of the RESET# pulse.
When RESET# is held at VSS
±0.3V, the device draws
CMOS standby current (ICC4). If RESET# is held at VIL
but not within VSS
±0.3V, the standby current will be
greater.
The RESET# pin may be tied to system reset circuitry.
A system reset would that also reset the Flash memory,
enabling the system to read the boot-up firmware from
the Flash memory.
If RESET# is asserted during a program or erase
operation, the RY/BY# pin remains a "0" (busy) until the
internal reset operation is complete, which requires a time
of tREADY (during Embedded Algorithms). The system
can thus monitor RY/BY# to determine whether the reset
operation is complete. If RESET# is asserted when a
program or erase operation is completed within a time of
tREADY (not during Embedded Algorithms). The system
can read data tRH after the RESET# pin returns to VIH.
Refer to the AC Characteristics tables for RESET#
parameters and to Figure 3 for the timing diagram.
SECTOR GROUP PROTECT OPERATION
The MX29LV320M H/L features hardware sector group
protection. This feature will disable both program and
erase operations for these sector group protected. In
this device, a sector group consists of four adjacent sec-
tors which are protected or unprotected at the same time.
To activate this mode, the programming equipment must
force VID on address pin A9 and control pin OE#, (sug-
gest VID = 12V) A6 = VIL and CE# = VIL. (see Table 2)
Programming of the protection circuitry begins on the
falling edge of the WE# pulse and is terminated on the
rising edge. Please refer to sector group protect algo-
rithm and waveform.
MX29LV320M H/L also provides another method. Which
requires VID on the RESET# only. This method can be
implemented either in-system or via programming equip-
ment. This method uses standard microprocessor bus
cycle timing.
To verify programming of the protection circuitry, the pro-
gramming equipment must force VID on address pin A9
( with CE# and OE# at VIL and WE# at VIH). When
A1=1, it will produce a logical "1" code at device output
Q0 for a protected sector. Otherwise the device will pro-
duce 00H for the unprotected sector. In this mode, the
addresses, except for A1, are don't care. Address loca-
tions with A1 = VIL are reserved to read manufacturer
and device codes. (Read Silicon ID)


Similar Part No. - MX29LV065MTMI-70Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV065MTMI-70Q MCNIX-MX29LV065MTMI-70Q Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29LV065MTMI-70Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033C ETC1-MX29LV033C Datasheet
530Kb / 57P
   32M-BIT COMSEQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com