Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48C10 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT48C10
Description  8-Bit Microcontroller Series
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C10 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT48C10 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
Absolute Maximum Ratings
Supply Voltage ....................... VDD–0.3V to 5.5V
Storage Temperature................. –50
°C to 125°C
Input Voltage .................VSS–0.3V to VDD+0.3V
Operating Temperature .............. –25
°C to 70°C
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
2.4
5.2
V
IDD1
Operating Current
(HT48C10 Crystal OSC)
3V
No load
fSYS=4MHz
—0.7
1.5
mA
5V
2
3
IDD2
Operating Current
(HT48C10 RC OSC)
3V
No load
fSYS=2MHz
—0.5
1
mA
5V
1
2
IDD3
Operating Current
(HT48C30 Crystal OSC)
3V
No load
fSYS=4MHz
—0.7
1.5
mA
5V
2
3
IDD4
Operating Current
(HT48C30 RC OSC)
3V
No load
fSYS=2MHz
—0.5
1
mA
5V
1
2
IDD5
Operating Current
(HT48C50 Crystal OSC)
3V
No load
fSYS=4MHz
—1
2
mA
5V
2.5
5
IDD6
Operating Current
(HT48C50 RC OSC)
3V
No load
fSYS=2MHz
0.75
1.5
mA
5V
1.5
3
IDD7
Operating Current
(HT48C70 Crystal OSC)
3V
No load
fSYS=4MHz
—1.5
3
mA
5V
3.4
6
IDD8
Operating Current
(HT48C70 RC OSC)
3V
No load
fSYS=2MHz
—1
2
mA
5V
2.1
4
ISTB1
Standby Current
(WDT Enabled)
3V
No load
system halt
——
5
µA
5V
10
ISTB2
Standby Current
(WDT Disabled)
3V
No load
system halt
——
1
µA
5V
2
HT48CXX/HT48RXX
10
25th May ’99


Similar Part No. - HT48C10

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48C10-1 HOLTEK-HT48C10-1 Datasheet
263Kb / 38P
   I/O Type 8-Bit MCU
HT48C10-1 HOLTEK-HT48C10-1_09 Datasheet
252Kb / 37P
   I/O Type 8-Bit MCU
More results

Similar Description - HT48C10

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com