Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48CXX Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT48CXX
Description  8-Bit Microcontroller Series
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CXX Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT48CXX Datasheet HTML 7Page - Holtek Semiconductor Inc HT48CXX Datasheet HTML 8Page - Holtek Semiconductor Inc HT48CXX Datasheet HTML 9Page - Holtek Semiconductor Inc HT48CXX Datasheet HTML 10Page - Holtek Semiconductor Inc HT48CXX Datasheet HTML 11Page - Holtek Semiconductor Inc HT48CXX Datasheet HTML 12Page - Holtek Semiconductor Inc HT48CXX Datasheet HTML 13Page - Holtek Semiconductor Inc HT48CXX Datasheet HTML 14Page - Holtek Semiconductor Inc HT48CXX Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIL
Input Low Voltage for I/O
ports
3V
0
0.9
V
5V
0
1.5
VIH
Input High Voltage for I/O
Ports
3V
2.1
3
V
5V
3.5
5
VIL1
Input Low Voltage
(TMR, TMR0, TMR1, INT)
3V
0
0.7
V
5V
0
1.3
VIH1
Input High Voltage
(TMR, TMR0, TMR1, INT)
3V
2.3
3
V
5V
3.8
5
VIL2
Input Low Voltage (RES)
3V
1.5
V
5V
2.5
VIH2
Input High Voltage (RES)
3V
2.4
V
5V
4.0
IOL
I/O Ports Sink Current
3V
VOL=0.3V
1.5
4
mA
5V
VOL=0.5V
4
10
IOH
I/O Ports Source Current
3V
VOH=2.7V
–1
–2
mA
5V
VOH=4.5V
–2
–4.5
RPH
Pull-high Resistance of I/O
Ports and INT
3V
40
60
80
k
5V
10
30
50
HT48CXX/HT48RXX
11
25th May ’99


Similar Part No. - HT48CXX

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48C05 HOLTEK-HT48C05 Datasheet
264Kb / 38P
   Cost-Effective I/O Type 8-Bit MCU
HT48C05 HOLTEK-HT48C05_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
HT48C06 HOLTEK-HT48C06 Datasheet
264Kb / 38P
   Cost-Effective I/O Type 8-Bit MCU
HT48C062 HOLTEK-HT48C062 Datasheet
220Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT48C062 HOLTEK-HT48C062_08 Datasheet
230Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
More results

Similar Description - HT48CXX

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com