Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLD5F15CX-L8900 Datasheet(PDF) 4 Page - Eudyna Devices Inc

Part # FLD5F15CX-L8900
Description  1,550nm Continuous Wave DFB Laser
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLD5F15CX-L8900 Datasheet(HTML) 4 Page - Eudyna Devices Inc

  FLD5F15CX-L8900 Datasheet HTML 1Page - Eudyna Devices Inc FLD5F15CX-L8900 Datasheet HTML 2Page - Eudyna Devices Inc FLD5F15CX-L8900 Datasheet HTML 3Page - Eudyna Devices Inc FLD5F15CX-L8900 Datasheet HTML 4Page - Eudyna Devices Inc FLD5F15CX-L8900 Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
FLD5F15CX-L
FLD5F15CX-L9090
1570.416
±0.01
FLD5F15CX-L9080
1571.239
±0.01
FLD5F15CX-L9070
1572.063
±0.01
FLD5F15CX-L9060
1572.888
±0.01
FLD5F15CX-L9050
1573.714
±0.01
FLD5F15CX-L9040
1574.540
±0.01
FLD5F15CX-L9030
1575.368
±0.01
FLD5F15CX-L9020
1576.196
±0.01
FLD5F15CX-L9010
1577.025
±0.01
FLD5F15CX-L9000
1577.855
±0.01
FLD5F15CX-L8990
1578.686
±0.01
FLD5F15CX-L8980
1579.518
±0.01
FLD5F15CX-L8970
1580.350
±0.01
FLD5F15CX-L8960
1581.184
±0.01
FLD5F15CX-L8950
1582.018
±0.01
FLD5F15CX-L8940
1582.854
±0.01
FLD5F15CX-L8930
1583.690
±0.01
FLD5F15CX-L8920
1584.527
±0.01
FLD5F15CX-L8910
1585.365
±0.01
FLD5F15CX-L8900
1586.203
±0.01
FLD5F15CX-L8890
1587.043
±0.01
FLD5F15CX-L8880
1587.884
±0.01
FLD5F15CX-L8870
1588.725
±0.01
Table 1 Wavelength Table
Part Number
Wavelength (nm)
(TL=Tset)
(in vacuum)
Tolerance (nm)
FLD5F15CX-L8860
1589.568
±0.01
FLD5F15CX-L8850
1590.411
±0.01
FLD5F15CX-L8840
1591.255
±0.01
FLD5F15CX-L8830
1592.100
±0.01
FLD5F15CX-L8820
1592.946
±0.01
FLD5F15CX-L8810
1593.793
±0.01
FLD5F15CX-L8800
1594.641
±0.01
FLD5F15CX-L8790
1595.489
±0.01
FLD5F15CX-L8780
1596.339
±0.01
FLD5F15CX-L8770
1597.189
±0.01
FLD5F15CX-L8760
1598.041
±0.01
FLD5F15CX-L8750
1598.893
±0.01
FLD5F15CX-L8740
1599.746
±0.01
FLD5F15CX-L8730
1600.600
±0.01
FLD5F15CX-L8720
1601.455
±0.01
FLD5F15CX-L8710
1602.311
±0.01
FLD5F15CX-L8700
1603.168
±0.01
FLD5F15CX-L8690
1604.026
±0.01
FLD5F15CX-L8680
1604.885
±0.01
FLD5F15CX-L8670
1605.744
±0.01
FLD5F15CX-L8660
1606.605
±0.01
FLD5F15CX-L8650
1607.466
±0.01
FLD5F15CX-L8640
1608.329
±0.01
Part Number
Wavelength (nm)
(TL=Tset)
(in vacuum)
Tolerance (nm)
1,550nm Continuous
Wave DFB Laser


Similar Part No. - FLD5F15CX-L8900

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H9100 EUDYNA-FLD5F15CX-H9100 Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H9110 EUDYNA-FLD5F15CX-H9110 Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
More results

Similar Description - FLD5F15CX-L8900

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F20NP EUDYNA-FLD5F20NP Datasheet
292Kb / 5P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-E EUDYNA-FLD5F20NP-E Datasheet
297Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
Analog Devices
ADN2830 AD-ADN2830_15 Datasheet
147Kb / 10P
   Continuous Wave Laser
REV. B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com