Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLD5F15CX-L8860 Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # FLD5F15CX-L8860
Description  1,550nm Continuous Wave DFB Laser
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLD5F15CX-L8860 Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FLD5F15CX-L8860 Datasheet HTML 1Page - Eudyna Devices Inc FLD5F15CX-L8860 Datasheet HTML 2Page - Eudyna Devices Inc FLD5F15CX-L8860 Datasheet HTML 3Page - Eudyna Devices Inc FLD5F15CX-L8860 Datasheet HTML 4Page - Eudyna Devices Inc FLD5F15CX-L8860 Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Edition 1.1
July 2004
1
FEATURES
• Continuous Wave (CW) Light Source for DWDM system
• Output Power: 16dBm
• Available at L-band ITU-T Wavelengths between
1570.416 to 1608.329nm
• Built-in TEC, Thermistor, Monitor PIN PD and Optical Isolator
• Polarization maintaining (PANDA) fiber
APPLICATIONS
10 and 40 Gb/s long haul DWDM Transmission systems.
DESCRIPTION
The laser is for a high power (16dBm) CW operation, at selected L-band ITU-T
grid wavelengths. The module includes an optical isolator monitor photodiode, thermistor and a
thermo-electric cooler. This laser is designed for use with external modulation components (such as
LiNbO3 modulators). The device comes in “butterfly” type, 14-pin package, and operates
between 0 to 70°C.
Parameter
Symbol
Storage Temperature
Tstg
+85
-
°C
-40
Operating Case Temperature
+70
-
°C
Top
0
Optical Output Power
50
CW
mW
Pf
-
LD Forward Current
420
CW
mA
IF
-
LD Reverse Voltage
2
CW
V
VR
-
PD Forward Current
10
-mA
IPF
-
20
-V
PD Reverse Voltage
VDR
-
10
260
°C
sec
Lead Soldering Time
--
Cooler Voltage
+5.00
Cooling
-
Heating
V
Vc
-
-2.50
Cooler Current
+1.85
Cooling
-
Heating
A
Ic
-
-0.60
Thermistor Temperature
+70
-
ATC Operation
°C
Tth
Rating
Unit
Min.
Max.
ABSOLUTE MAXIMUM RATINGS (Tc=25°C, unless otherwise specified)
Condition
FLD5F15CX-L
1,550nm Continuous
Wave DFB Laser


Similar Part No. - FLD5F15CX-L8860

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H9100 EUDYNA-FLD5F15CX-H9100 Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H9110 EUDYNA-FLD5F15CX-H9110 Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
More results

Similar Description - FLD5F15CX-L8860

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F20NP EUDYNA-FLD5F20NP Datasheet
292Kb / 5P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-E EUDYNA-FLD5F20NP-E Datasheet
297Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
Analog Devices
ADN2830 AD-ADN2830_15 Datasheet
147Kb / 10P
   Continuous Wave Laser
REV. B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com