Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLD5F20CE-E9295 Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # FLD5F20CE-E9295
Description  1,550nm MI DFB Laser with Integrated Wavelength Locker
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLD5F20CE-E9295 Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FLD5F20CE-E9295 Datasheet HTML 1Page - Eudyna Devices Inc FLD5F20CE-E9295 Datasheet HTML 2Page - Eudyna Devices Inc FLD5F20CE-E9295 Datasheet HTML 3Page - Eudyna Devices Inc FLD5F20CE-E9295 Datasheet HTML 4Page - Eudyna Devices Inc FLD5F20CE-E9295 Datasheet HTML 5Page - Eudyna Devices Inc FLD5F20CE-E9295 Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
• 10Gb/s Modulator Integrated DFB Laser Diode Module
• Wavelength: ITU-T grid W9180 (1563.05nm) thru W9600 (1529.55nm)
• 1600 ps/nm Dispersion
• Compact package with GPO connector
• Built-in Optical Isolator, Ternary PIN-PD for monitor, thermistor and
thermoelectric cooler
• Wavelength locker integrated MI-DFB
APPLICATION
This MI DFB laser is intended for long reach applications (80km)
at 10Gb/s.
DESCRIPTION
The Modulator Integrated DFB Laser (MI DFB Laser) with Wavelength Locker has an
electro-absorption modulator monolithically integrated with a conventional Distributed
Feed-Back (DFB) laser. The modulation voltage is applied to the modulator section while the
laser section operates CW allowing extremely low wavelength chirping. Extinction ratios of
more that 10dB can be achieved with 2.6 Vp-p modulation. The MI laser is installed in a but-
terfly type package. The tuned wavelength can be locked onto the desired ITU-T grid channel
via use of the included fabry-perot etalon. The module incorporates a highly stable optical
coupling system. The module includes an optical isolator, monitor photodiode, thermistor and
a thermo-electric cooler.
Parameter
Symbol
Storage Temperature
Tstg
+85
-
°C
-40
Operating Case Temperature
+70
-
°C
Top
-20
Optical Output Power
5
CW
mW
Pf
-
Laser Forward Current
150
CW
mA
IF
-
Laser Reverse Voltage
2
CW
V
VR
-
Modulator Forward Voltage
+1
CW
V
Vm
-5
Photodiode Forward Current
1
-mA
--
10
-V
Photodiode Reverse Voltage
VDR
-
10
260
°C
sec
Lead Soldering Time
--
TEC Voltage
+5
Cooling
-
Heating
V
Vc
-
-5
TEC Current
+2.5
Cooling
-
Heating
A
Ic
-
-0.6
Thermistor Temperature
+70
-20
ATC Operation
°C
Tth
Rating
Unit
Min.
Max.
ABSOLUTE MAXIMUM RATINGS (Top=25°C, unless otherwise specified)
Condition
1
Edition 1.1
July 2004
1,550nm MI DFB Laser
with Integrated Wavelength Locker
FLD5F20CE-E


Similar Part No. - FLD5F20CE-E9295

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F20NP EUDYNA-FLD5F20NP Datasheet
292Kb / 5P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D18 EUDYNA-FLD5F20NP-D18 Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D19 EUDYNA-FLD5F20NP-D19 Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
More results

Similar Description - FLD5F20CE-E9295

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F20NP EUDYNA-FLD5F20NP Datasheet
292Kb / 5P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-E EUDYNA-FLD5F20NP-E Datasheet
297Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
logo
Agere Systems
D2547P AGERE-D2547P Datasheet
122Kb / 14P
   Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
logo
Eudyna Devices Inc
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com