Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLL21E060IY Datasheet(PDF) 4 Page - Eudyna Devices Inc

Part # FLL21E060IY
Description  L,S-band High Power GaAs FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLL21E060IY Datasheet(HTML) 4 Page - Eudyna Devices Inc

  FLL21E060IY Datasheet HTML 1Page - Eudyna Devices Inc FLL21E060IY Datasheet HTML 2Page - Eudyna Devices Inc FLL21E060IY Datasheet HTML 3Page - Eudyna Devices Inc FLL21E060IY Datasheet HTML 4Page - Eudyna Devices Inc FLL21E060IY Datasheet HTML 5Page - Eudyna Devices Inc FLL21E060IY Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FLL21E060IY
L,S-band High Power GaAs FET
4
■S-Parameters @ VDS=28V, IDS=630mA, f=1.0 to 3.0 GHz
S11
S22
2.0G H z
2.1
2.0G H z
25
2.2
2.2
2.1
0
+10j
+25j
+50j
+100j
+250j
-10j
-25j
-50j
-100j
-250j
10Ω
S12
S21
0.4
0.2
8
±180°
-90°
+90°
Scale for |S21|
2.0GHz
4
2.2
2.1
2.0GHz
2.1
2.2
[GHz]
S11(mag) S11(ang)
S21(mag) S21(ang)
S12(mag) S12(ang)
S22(mag) S22(ang)
1
0.961
-176.42
0.480
4.24
0.002
70.01
0.933
-173.72
1.1
0.957
-176.29
0.468
-0.94
0.003
71.76
0.935
-174.51
1.2
0.953
-176.44
0.479
-5.13
0.003
69.92
0.930
-175.43
1.3
0.949
-176.61
0.512
-10.30
0.005
75.49
0.932
-176.11
1.4
0.943
-177.14
0.571
-16.29
0.005
71.35
0.928
-177.11
1.5
0.933
-178.20
0.665
-22.90
0.007
66.87
0.915
-177.79
1.6
0.911
-179.23
0.830
-31.26
0.009
58.53
0.908
-179.13
1.7
0.881
179.01
1.091
-42.42
0.011
49.89
0.885
178.94
1.8
0.833
177.08
1.532
-57.22
0.015
36.71
0.850
177.15
1.9
0.749
174.48
2.331
-78.13
0.022
17.53
0.829
173.66
2
0.609
171.95
3.889
-108.90
0.034
-13.62
0.815
163.99
2.1
0.263
-172.76
6.931
-165.59
0.052
-71.77
0.654
113.03
2.11
0.242
-156.52
7.194
-174.60
0.053
-80.54
0.599
100.93
2.12
0.252
-140.46
7.389
176.42
0.053
-89.96
0.541
86.80
2.13
0.306
-126.52
7.360
166.64
0.052
-99.95
0.478
69.57
2.14
0.378
-120.67
7.291
156.88
0.051
-110.43
0.419
48.81
2.15
0.457
-119.30
7.041
146.98
0.048
-119.43
0.382
25.67
2.16
0.531
-120.31
6.706
137.94
0.044
-129.46
0.373
1.34
2.17
0.596
-122.55
6.274
129.48
0.041
-137.37
0.388
-20.78
2.18
0.645
-124.52
5.836
121.87
0.037
-146.92
0.421
-39.36
2.19
0.696
-127.28
5.392
114.90
0.035
-152.94
0.461
-53.66
2.2
0.730
-130.24
4.968
108.68
0.030
-159.30
0.503
-65.54
2.3
0.859
-143.77
2.285
69.86
0.012
156.65
0.754
-113.65
2.4
0.894
-148.81
1.271
50.96
0.006
130.95
0.838
-127.60
2.5
0.916
-151.41
0.835
38.99
0.002
108.48
0.884
-134.62
2.6
0.923
-153.20
0.595
29.68
0.001
102.28
0.905
-138.74
2.7
0.927
-154.54
0.459
22.97
0.001
157.08
0.918
-141.00
2.8
0.936
-155.53
0.384
16.60
0.002
118.47
0.925
-143.07
2.9
0.932
-157.09
0.332
11.02
0.003
119.75
0.925
-145.09
3
0.928
-158.33
0.311
6.31
0.003
121.74
0.918
-146.72


Similar Part No. - FLL21E060IY

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLL21E004ME EUDYNA-FLL21E004ME Datasheet
252Kb / 6P
   High Voltage - High Power GaAs FET
FLL21E010MK EUDYNA-FLL21E010MK Datasheet
308Kb / 6P
   High Voltage - High Power GaAs FET
FLL21E040IK EUDYNA-FLL21E040IK Datasheet
371Kb / 6P
   High Voltage - High Power GaAs FET
FLL21E045IY EUDYNA-FLL21E045IY Datasheet
306Kb / 6P
   L,S-band High Power GaAs FET
FLL21E090IK EUDYNA-FLL21E090IK Datasheet
338Kb / 6P
   High Voltage - High Power GaAs FET
More results

Similar Description - FLL21E060IY

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLL21E045IY EUDYNA-FLL21E045IY Datasheet
306Kb / 6P
   L,S-band High Power GaAs FET
FLL21E090IY EUDYNA-FLL21E090IY Datasheet
298Kb / 7P
   L,S-band High Power GaAs FET
FLL21E135IX EUDYNA-FLL21E135IX Datasheet
299Kb / 7P
   L,S-band High Power GaAs FET
logo
Mitsubishi Electric Sem...
MGF0904A MITSUBISHI-MGF0904A_1 Datasheet
372Kb / 4P
   L,S BAND POWER GaAs FET
MGF0907B MITSUBISHI-MGF0907B_1 Datasheet
455Kb / 4P
   L,S BAND POWER GaAs FET?
MGF0910A MITSUBISHI-MGF0910A_1 Datasheet
207Kb / 4P
   L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A_1 Datasheet
36Kb / 4P
   L, S BAND POWER GaAs FET
MGF0910A MITSUBISHI-MGF0910A Datasheet
26Kb / 3P
   L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A Datasheet
23Kb / 3P
   L, S BAND POWER GaAs FET
MGF0906B MITSUBISHI-MGF0906B Datasheet
125Kb / 3P
   L,S BAND POWER GaAs FET?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com