Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLL21E135IX Datasheet(PDF) 4 Page - Eudyna Devices Inc

Part # FLL21E135IX
Description  L,S-band High Power GaAs FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLL21E135IX Datasheet(HTML) 4 Page - Eudyna Devices Inc

  FLL21E135IX Datasheet HTML 1Page - Eudyna Devices Inc FLL21E135IX Datasheet HTML 2Page - Eudyna Devices Inc FLL21E135IX Datasheet HTML 3Page - Eudyna Devices Inc FLL21E135IX Datasheet HTML 4Page - Eudyna Devices Inc FLL21E135IX Datasheet HTML 5Page - Eudyna Devices Inc FLL21E135IX Datasheet HTML 6Page - Eudyna Devices Inc FLL21E135IX Datasheet HTML 7Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FLL21E135IX
L,S-band High Power GaAs FET
4
■ Board Layout
■ Circuit Diagram of the Board
εr=3.5 t=0.8mm
VGS
VDS
C1
C2
C3
C4
C7 C8 C9
C10
C11x5
C13
C12
C14
C15
C16
R2
C17
C18
C19
C20
C5
C6
L1
R1
Z1
Z2
Z3
Z4
C1
C3
C4 C5
C6
Z5
Z6
Z7
Z8
Z9
Z10 Z11 Z12
Z13
C10
C11x5
C7 C8
C9
L1
C2
C12
C13
C14
C15
C16
C17C18
C19
R2
R1
C20
Z1, Z13 9.00mm x 1.78mm Transmission Line
Z2
15.3mm x 1.78mm Transmission Line
Z3
14.5mm x 1.78mm Transmission Line
Z4
4.00mm x 6.00mm Transmission Line
Z5
2.00mm x 19.0mm Transmission Line
Z6
4.00mm x 25.0mm Transmission Line
Z7
23.0mm x 0.5mm Transmission Line
Z8
6.00mm x 13.0mm Transmission Line
Z9
23.0mm x 1.5mm Transmission Line
Z10,Z11 3.00mm x 1.78mm Transmission Line
Z12
26.8mm x 1.78mm Transmission Line
C1,C2
10pF
C3,C5,C6,C9
1.0pF
C4,C7
2.0pF
C8
0.5pF
C10
1.5pF
C11
0.1uF
C12,C17
20pF
C13,C18
100nF
C14,C19
1000pF
C15,C16
10uF
C20
22uF
L1
3.3nF
R1
2.0ohm
R2
51ohm
Board
input size
εr=3.5 t=0.8mm
50mm x 50mm
output size
εr=3.5 t=0.8mm
50mm x 50mm


Similar Part No. - FLL21E135IX

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLL21E180IU EUDYNA-FLL21E180IU Datasheet
155Kb / 6P
   High Voltage - High Power GaAs FET
More results

Similar Description - FLL21E135IX

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLL21E045IY EUDYNA-FLL21E045IY Datasheet
306Kb / 6P
   L,S-band High Power GaAs FET
FLL21E090IY EUDYNA-FLL21E090IY Datasheet
298Kb / 7P
   L,S-band High Power GaAs FET
FLL21E060IY EUDYNA-FLL21E060IY Datasheet
310Kb / 6P
   L,S-band High Power GaAs FET
logo
Mitsubishi Electric Sem...
MGF0904A MITSUBISHI-MGF0904A_1 Datasheet
372Kb / 4P
   L,S BAND POWER GaAs FET
MGF0907B MITSUBISHI-MGF0907B_1 Datasheet
455Kb / 4P
   L,S BAND POWER GaAs FET?
MGF0910A MITSUBISHI-MGF0910A_1 Datasheet
207Kb / 4P
   L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A_1 Datasheet
36Kb / 4P
   L, S BAND POWER GaAs FET
MGF0910A MITSUBISHI-MGF0910A Datasheet
26Kb / 3P
   L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A Datasheet
23Kb / 3P
   L, S BAND POWER GaAs FET
MGF0906B MITSUBISHI-MGF0906B Datasheet
125Kb / 3P
   L,S BAND POWER GaAs FET?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com