Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLD5F20NP-E36 Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FLD5F20NP-E36
Description  1,550nm Modulator Integrated DFB Laser
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLD5F20NP-E36 Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FLD5F20NP-E36 Datasheet HTML 1Page - Eudyna Devices Inc FLD5F20NP-E36 Datasheet HTML 2Page - Eudyna Devices Inc FLD5F20NP-E36 Datasheet HTML 3Page - Eudyna Devices Inc FLD5F20NP-E36 Datasheet HTML 4Page - Eudyna Devices Inc FLD5F20NP-E36 Datasheet HTML 5Page - Eudyna Devices Inc FLD5F20NP-E36 Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FLD5F20NP-E
10Gb/s
PRBS=223-1
IF=Iop
Vm=Vo/(Vo-2)
Vo=-0.7V
TLD=25°C
Pf
Im
Fig. 1 Lasing Spectrum
Wavelength (Span=1 nm/div, Res.=0.1nm)
Fig. 2 Output Power & Monitor Current
vs. Forward Current
Forward Current, IF (mA)
3
4
2
1
20
40
60
80
100
0
0
0.9
1.2
0.6
0.3
0
1,550nm Modulator
Integrated DFB Laser


Similar Part No. - FLD5F20NP-E36

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D18 EUDYNA-FLD5F20NP-D18 Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D19 EUDYNA-FLD5F20NP-D19 Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D20 EUDYNA-FLD5F20NP-D20 Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
More results

Similar Description - FLD5F20NP-E36

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F20NP EUDYNA-FLD5F20NP Datasheet
292Kb / 5P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD3F10NP-A EUDYNA-FLD3F10NP-A Datasheet
293Kb / 4P
   1,310nm Modulator Integrated DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com