Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29GL033MTTC-10R Datasheet(PDF) 8 Page - Macronix International

Part # MX29GL033MTTC-10R
Description  128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL033MTTC-10R Datasheet(HTML) 8 Page - Macronix International

Back Button MX29GL033MTTC-10R Datasheet HTML 4Page - Macronix International MX29GL033MTTC-10R Datasheet HTML 5Page - Macronix International MX29GL033MTTC-10R Datasheet HTML 6Page - Macronix International MX29GL033MTTC-10R Datasheet HTML 7Page - Macronix International MX29GL033MTTC-10R Datasheet HTML 8Page - Macronix International MX29GL033MTTC-10R Datasheet HTML 9Page - Macronix International MX29GL033MTTC-10R Datasheet HTML 10Page - Macronix International MX29GL033MTTC-10R Datasheet HTML 11Page - Macronix International MX29GL033MTTC-10R Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
8
P/N:PM1171
REV. 1.0, FEB. 27, 2006
MX29LA129M H/L
Sector
Sector Address
Sector Size
(x8)
(x16)
A23-A16
(Kbytes/Kwords)
Address Range
Address Range
SA121
01111001
64/32
790000-79FFFF
3C8000-3CFFFF
SA122
01111010
64/32
7A0000-7AFFFF
3D0000-3D7FFF
SA123
01111011
64/32
7B0000-7BFFFF
3D8000-3DFFFF
SA124
01111100
64/32
7C0000-7CFFFF
3E0000-3E7FFF
SA125
01111101
64/32
7D0000-7DFFFF
3E8000-3EFFFF
SA126
01111110
64/32
7E0000-7EFFFF
3F0000-3F7FFF
SA127
01111111
64/32
7F0000-7FFFFF
3F8000-3FFFFF
SA128
10000000
64/32
800000-80FFFF
400000-407FFF
SA129
10000001
64/32
810000-81FFFF
408000-40FFFF
SA130
10000010
64/32
820000-82FFFF
410000-417FFF
SA131
10000011
64/32
830000-83FFFF
418000-41FFFF
SA132
10000100
64/32
840000-84FFFF
420000-427FFF
SA133
10000101
64/32
850000-85FFFF
428000-42FFFF
SA134
10000110
64/32
860000-86FFFF
430000-437FFF
SA135
10000111
64/32
870000-87FFFF
438000-43FFFF
SA136
10001000
64/32
880000-88FFFF
440000-447FFF
SA137
10001001
64/32
890000-89FFFF
448000-44FFFF
SA138
10001010
64/32
8A0000-8AFFFF
450000-457FFF
SA139
10001011
64/32
8B0000-8BFFFF
458000-45FFFF
SA140
10001100
64/32
8C0000-8CFFFF
460000-467FFF
SA141
10001101
64/32
8D0000-8DFFFF
468000-46FFFF
SA142
10001110
64/32
8E0000-8EFFFF
470000-477FFF
SA143
10001111
64/32
8F0000-8FFFFF
478000-47FFFF
SA144
10010000
64/32
900000-90FFFF
480000-487FFF
SA145
10010001
64/32
910000-91FFFF
488000-48FFFF
SA146
10010010
64/32
920000-92FFFF
490000-497FFF
SA147
10010011
64/32
930000-93FFFF
498000-49FFFF
SA148
10010100
64/32
940000-94FFFF
4A0000-4A7FFF
SA149
10010101
64/32
950000-95FFFF
4A8000-4AFFFF
SA150
10010110
64/32
960000-96FFFF
4B0000-4B7FFF
SA151
10010111
64/32
970000-97FFFF
4B8000-4BFFFF
SA152
10011000
64/32
980000-98FFFF
4C0000-4C7FFF
SA153
10011001
64/32
990000-99FFFF
4C8000-4CFFFF
SA154
10011010
64/32
9A0000-9AFFFF
4D0000-4D7FFF
SA155
10011011
64/32
9B0000-9BFFFF
4D8000-4DFFFF
SA156
10011100
64/32
9C0000-9CFFFF
4E0000-4E7FFF
SA157
10011101
64/32
9D0000-9DFFFF
4E8000-4EFFFF
SA158
10011110
64/32
9E0000-9EFFFF
4F0000-4F7FFF
SA159
10011111
64/32
9F0000-9FFFFF
4F8000-4FFFFF
SA160
10100000
64/32
A00000-A0FFFF
500000-507FFF
SA161
10100001
64/32
A10000-A1FFFF
508000-50FFFF


Similar Part No. - MX29GL033MTTC-10R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL033MTTC-70G MCNIX-MX29GL033MTTC-70G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MTTC-70G MCNIX-MX29GL033MTTC-70G Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MTTC-70Q MCNIX-MX29GL033MTTC-70Q Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MTTC-70Q MCNIX-MX29GL033MTTC-70Q Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MTTC-90G MCNIX-MX29GL033MTTC-90G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29GL033MTTC-10R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com