Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLL300IL-3 Datasheet(PDF) 5 Page - Eudyna Devices Inc

Part # FLL300IL-3
Description  L-Band Medium & High Power GaAs FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLL300IL-3 Datasheet(HTML) 5 Page - Eudyna Devices Inc

  FLL300IL-3 Datasheet HTML 1Page - Eudyna Devices Inc FLL300IL-3 Datasheet HTML 2Page - Eudyna Devices Inc FLL300IL-3 Datasheet HTML 3Page - Eudyna Devices Inc FLL300IL-3 Datasheet HTML 4Page - Eudyna Devices Inc FLL300IL-3 Datasheet HTML 5Page - Eudyna Devices Inc FLL300IL-3 Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FLL300IL-3
L-Band Medium & High Power GaAs FET
OUTPUT POWER vs. INPUT POWER
VDS=10V
IDS ≈ 0.5 IDSS
f = 2.6 GHz
26 28 30 32 34 36
Input Power (dBm)
46
44
42
40
38
36
30
45
60
15
0
ηadd
Pout
+j250
+j100
+j50
+j25
+j10
0
-j10
-j25
-j50
-j100
-j250
S11
S22
180°
+90°
-90°
S21
S12
1
2
3
4
1.5GHz
1.5GHz
2.5
2.5
3.5
3.5
3.0
3.0
2.0
3.0
3.0
2.0
2.0
2.5
2.5
3.5
3.5
1.5
1.5
.02
.03
.04
.01
10
25
SCALEFOR|S21|
50Ω
100
250
S-PARAMETERS
VDS = 10V, IDS = 6000mA
FREQUENCY
S11
S21
S12
S22
(MHZ)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1500
.902
130.6
1.169
-3.1
.009
-55.7
.854
155.0
1600
.872
123.3
1.324
-13.4
.010
-69.8
.852
153.2
1700
.829
114.2
1.539
-25.8
.012
-81.5
.847
150.7
1800
.756
102.9
1.824
-40.5
.016
-96.1
.847
148.5
1900
.645
88.8
2.199
-57.7
.019
-113.4
.854
146.1
2000
.463
71.7
2.604
-78.8
.024
-134.7
.860
142.2
2100
.217
54.5
2.939
-103.5
.028
-160.3
.867
137.4
2200
.065
173.9
3.080
-129.4
.031
173.7
.848
131.6
2300
.285
175.2
3.055
-153.9
.032
150.2
.808
125.3
2400
.441
157.4
2.938
-176.2
.032
128.8
.752
119.7
2500
.523
137.6
2.843
166.5
.032
110.8
.700
119.6
2600
.560
119.7
2.768
146.9
.033
91.6
.628
113.6
2700
.583
99.3
2.791
126.7
.035
72.2
.550
109.0
2800
.578
72.8
2.840
104.2
.036
49.8
.461
102.5
2900
.564
37.9
2.854
79.1
.039
28.0
.348
94.4
3000
.564
-4.7
2.789
51.3
.039
0.5
.208
91.8
3100
.605
-44.2
2.536
20.3
.039
-33.2
.081
125.9
3200
.731
-80.2
1.981
-9.0
.031
-63.6
.132
-167.4
3300
.813
-109.5
1.502
-32.7
.023
-88.0
.253
-158.6
3400
.864
-131.0
1.130
-52.7
.019
-106.9
.345
-162.2
3500
.895
-147.1
.853
-69.8
.013
-121.2
.408
-168.1
Download S-Parameters, click here


Similar Part No. - FLL300IL-3

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLL310IQ-3A EUDYNA-FLL310IQ-3A Datasheet
376Kb / 5P
   High Voltage - High Power GaAs FET
logo
Fujitsu Component Limit...
FLL351ME FUJITSU-FLL351ME Datasheet
210Kb / 4P
   L-band medium & high power gaas FTEs
logo
Eudyna Devices Inc
FLL357ME EUDYNA-FLL357ME Datasheet
82Kb / 4P
   L-Band Medium & High Power GaAs FET
More results

Similar Description - FLL300IL-3

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLL57MK EUDYNA-FLL57MK Datasheet
101Kb / 4P
   L-Band Medium & High Power GaAs FET
FLL107ME EUDYNA-FLL107ME Datasheet
83Kb / 4P
   L-Band Medium & High Power GaAs FET
logo
List of Unclassifed Man...
FLL400IP-3 ETC1-FLL400IP-3 Datasheet
221Kb / 4P
   L-Band Medium & High Power GaAs FET
logo
Fujitsu Component Limit...
FLU17ZM FUJITSU-FLU17ZM Datasheet
236Kb / 8P
   L-Band Medium & High Power GaAs FET
FLL1200IU-2 FUJITSU-FLL1200IU-2 Datasheet
92Kb / 4P
   L-Band Medium & High Power GaAs FET
logo
Eudyna Devices Inc
FLL200IB-1 EUDYNA-FLL200IB-1 Datasheet
125Kb / 6P
   L-Band Medium & High Power GaAs FET
logo
Fujitsu Component Limit...
FLL177 FUJITSU-FLL177 Datasheet
229Kb / 4P
   L-BAND MEDIUM & HIGH POWER GAAS FET
logo
List of Unclassifed Man...
FLU35ZM ETC-FLU35ZM Datasheet
225Kb / 8P
   L-Band Medium & High Power GaAs FET
logo
Eudyna Devices Inc
FLU10ZM EUDYNA-FLU10ZM Datasheet
235Kb / 8P
   L-Band Medium & High Power GaAs FET
FLL600IQ-3 EUDYNA-FLL600IQ-3 Datasheet
107Kb / 4P
   L-Band Medium & High Power GaAs FET
FLU10XM EUDYNA-FLU10XM Datasheet
81Kb / 4P
   L-Band Medium & High Power GaAs FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com