Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLD5F15CX-L8670 Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FLD5F15CX-L8670
Description  1,550nm Continuous Wave DFB Laser
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLD5F15CX-L8670 Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FLD5F15CX-L8670 Datasheet HTML 1Page - Eudyna Devices Inc FLD5F15CX-L8670 Datasheet HTML 2Page - Eudyna Devices Inc FLD5F15CX-L8670 Datasheet HTML 3Page - Eudyna Devices Inc FLD5F15CX-L8670 Datasheet HTML 4Page - Eudyna Devices Inc FLD5F15CX-L8670 Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
FLD5F15CX-L
Parameter
Symbol
Laser Set Temperature (BOL)
Tset
Relative Intensity Noise
RIN
Test Conditions
-
CW, ORL>40dB
average of f=DC to 7.5GHz
TL=Tset,
Tc=+70
°C,
Tc=0 to +70
°C
Tc, TL=25°C
Unit
°C
Min.
15
Limits
dB/Hz
-140
-
Peak Wavelength
λp
Note (3)
nm
35
-
Optical Output Power
Pf
-mW
-
40
-
Slope Efficiency
η
-
ORL>40dB
Wavelength Drift
∆λ
pm
20 years
ORL>40dB
mW/mA
Tracking Error (Note 1)
TE
Im=constant,
Tc=0 to +70
°C
dB
+1.0
-0.5
-
Monitor Current
Im
Monitor Dark Current
Monitor Capacitance
Idm
Ct
Pf=40mW
VPD=5V
VPD=5V, f=1 MHz
mA
nA
pF
2.0
100
10
0.1
-
-
-
-
-
Wavelength Stability with
Case Temperature
-pm/
°C
1
-1
-
Side Mode Suppression
Sr
dB
-
35
-
Spectral Width (-3dB)
∆λ
MHz
10
-5
-
Cooler Current
Ic
A
1.4
--
Cooler Voltage
Vc
V
4.2
--
Cooler Power
Pc
W
5.9
--
Thermistor Resistance
Rth
k
10.5
9.5
10.0
Thermistor B Constant (Note 2)
BK
3,630
3,270
3,450
Optical Isolation
IS
Tc=0 to +70
°CdB
-
22
-
Polarization Extinction Ratio
PER
dB
-
20
-
Operating Forward Current
Iop
-mA
350
--
200
--
Threshold Current
Ith
-mA
345
-
Forward Voltage
VF
-V
-
-
3.0
-
0.14
-
Max.
Typ.
Note 1. TE=10*log[Pf(Tc)/Pf(25)]
Note 2. Relation between resistance and temperature (
°K) is: Rth (T) = Rth (25)*exp[B(1/T-1/298)]
Note 3. The selected wavelength is available in accordance with Table 1.
OPTICAL AND ELECTRICAL CHARACTERISTICS (TL=Tset, Tc=25°C, BOL, unless otherwise specified)
1,550nm Continuous
Wave DFB Laser


Similar Part No. - FLD5F15CX-L8670

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H9100 EUDYNA-FLD5F15CX-H9100 Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H9110 EUDYNA-FLD5F15CX-H9110 Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
More results

Similar Description - FLD5F15CX-L8670

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F20NP EUDYNA-FLD5F20NP Datasheet
292Kb / 5P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-E EUDYNA-FLD5F20NP-E Datasheet
297Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
Analog Devices
ADN2830 AD-ADN2830_15 Datasheet
147Kb / 10P
   Continuous Wave Laser
REV. B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com