Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PNZ102F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # PNZ102F
Description  Silicon NPN Phototransistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PNZ102F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  PNZ102F Datasheet HTML 1Page - Panasonic Semiconductor PNZ102F Datasheet HTML 2Page - Panasonic Semiconductor PNZ102F Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
Flat window design which is suited to optical systems
Low dark current : ICEO = 5 nA (typ.)
Fast response : tr, tf = 3 µs (typ.)
Wide directional sensitivity
Base pin for easy circuit design (PNZ102F)
Phototransistors
PNA1401LF, PNZ102F
Silicon NPN Phototransistors
For optical control systems
Absolute Maximum Ratings (Ta = 25˚C)
Parameter
Symbol
Ratings
Unit
Collector to emitter voltage
VCEO
30
V
Collector to base voltage
VCBO*
40
V
Emitter to collector voltage
VECO
5V
Emitter to base voltage
VEBO*
5V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Operating ambient temperature
Topr
–25 to +85
˚C
Storage temperature
Tstg
–30 to +100
˚C
* PNZ102F only
1: Emitter
2: Collector
Unit : mm
ø4.6
±0.15
Glass window
2.54
±0.25
ø5.75 max.
2-ø0.45
±0.05
1
2
PNA1401LF
1: Emitter
2: Base
3: Collector
Unit : mm
ø4.6
±0.15
Glass window
2.54
±0.25
ø5.75 max.
3-ø0.45
±0.05
1
3
2
PNZ102F


Similar Part No. - PNZ102F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ102 PANASONIC-PNZ102 Datasheet
82Kb / 3P
   Silicon planar type
More results

Similar Description - PNZ102F

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP800 OPTEK-OP800 Datasheet
92Kb / 2P
   NPN Silicon Phototransistors
OP555 OPTEK-OP555 Datasheet
222Kb / 2P
   NPN SILICON PHOTOTRANSISTORS
OP509 OPTEK-OP509 Datasheet
83Kb / 2P
   NPN SILICON PHOTOTRANSISTORS
OP600 OPTEK-OP600 Datasheet
90Kb / 2P
   NPN SILICON PHOTOTRANSISTORS
logo
Clairex Technologies, I...
CLT130 CLAIREX-CLT130 Datasheet
126Kb / 1P
   NPN Silicon Phototransistors
logo
TT Electronics.
OP516A TTELEC-OP516A Datasheet
546Kb / 2P
   NPN Silicon Phototransistors
logo
OPTEK Technologies
OP550A OPTEK-OP550A Datasheet
340Kb / 2P
   NPN SILICON PHOTOTRANSISTORS
logo
List of Unclassifed Man...
CLT130W ETC2-CLT130W Datasheet
120Kb / 1P
   NPN Silicon Phototransistors
logo
OPTEK Technologies
OP600A OPTEK-OP600A Datasheet
275Kb / 2P
   NPN Silicon Phototransistors
logo
Clairex Technologies, I...
CLT130W CLAIREX-CLT130W Datasheet
125Kb / 1P
   NPN Silicon Phototransistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com