Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JGX-31FD3810P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JGX-31FD3810P
Description  AC250/380V 12/20Amp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JGX-31FD3810P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JGX-31FD3810P Datasheet HTML 1Page - List of Unclassifed Manufacturers JGX-31FD3810P Datasheet HTML 2Page - List of Unclassifed Manufacturers JGX-31FD3810P Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
       


 
   
 


 !"
#$#%&$'(
!'')% *"%%
('+,-+,.(%*
/0 1 
2"##
%%$!%2(%(
*3(2
*%''2*

 !" #$


%
& !##"

 
#'((# #$
   

)
& *"&(
  
  
++


Similar Part No. - JGX-31FD3810P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JGX-39F ETC1-JGX-39F Datasheet
118Kb / 4P
   AC250V 4/6/8/10 Amp
JGX-39F05D2204 ETC1-JGX-39F05D2204 Datasheet
118Kb / 4P
   AC250V 4/6/8/10 Amp
JGX-39F05D2204P ETC1-JGX-39F05D2204P Datasheet
118Kb / 4P
   AC250V 4/6/8/10 Amp
JGX-39F05D2206 ETC1-JGX-39F05D2206 Datasheet
118Kb / 4P
   AC250V 4/6/8/10 Amp
JGX-39F05D2206P ETC1-JGX-39F05D2206P Datasheet
118Kb / 4P
   AC250V 4/6/8/10 Amp
More results

Similar Description - JGX-31FD3810P

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP160 MOSPEC-TIP160 Datasheet
143Kb / 3P
   POWER TRANSISTORS(10A,320-380V,125W)
logo
International Rectifier
IRMD2214SS IRF-IRMD2214SS Datasheet
1Mb / 22P
   For 3-phase / 380V motor drives
logo
Cystech Electonics Corp...
SKM2060USP CYSTEKEC-SKM2060USP Datasheet
365Kb / 6P
   20Amp. MOS BARRIER RECTIFIER
SKM2045CTFP CYSTEKEC-SKM2045CTFP Datasheet
578Kb / 5P
   20Amp. MOS BARRIER RECTIFIER
MBR20150E3 CYSTEKEC-MBR20150E3 Datasheet
243Kb / 5P
   20Amp. Schottky Barrier Rectifiers
MBR20100AE3 CYSTEKEC-MBR20100AE3 Datasheet
193Kb / 5P
   20Amp. Schottky Barrier Rectifiers
MBR20100AFP CYSTEKEC-MBR20100AFP Datasheet
263Kb / 5P
   20Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MBR2040D SECOS-MBR2040D Datasheet
185Kb / 2P
   20Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
MBR20200FP CYSTEKEC-MBR20200FP Datasheet
221Kb / 4P
   20Amp. Schottky Barrier Rectifiers
MBR20200E3 CYSTEKEC-MBR20200E3 Datasheet
160Kb / 4P
   20Amp. Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com