Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB-2500SGD Datasheet(PDF) 3 Page - Kingbright Corporation

Part # KB-2500SGD
Description  LED LIGHT BARS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB-2500SGD Datasheet(HTML) 3 Page - Kingbright Corporation

  KB-2500SGD Datasheet HTML 1Page - Kingbright Corporation KB-2500SGD Datasheet HTML 2Page - Kingbright Corporation KB-2500SGD Datasheet HTML 3Page - Kingbright Corporation KB-2500SGD Datasheet HTML 4Page - Kingbright Corporation KB-2500SGD Datasheet HTML 5Page - Kingbright Corporation KB-2500SGD Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6-KB-3
Part No.
Dice
Lens Type
Iv (mcd)
@ 20 mA
Size of
Light Emitting
Areas
Min.
Typ.
Package Ouline
KB-2300EW
HIGH EFFICIENCY RED (GaAsP/GaP)
White Diffused
10
25
8.89mmx3.81mm
KB-A100SRW
SUPER BRIGHT RED (GaAlAs)
White Diffused
40
75
KB-2400YW
YELLOW (GaAsP/GaP)
White Diffused
8
18
KB-2500SGD
SUPER BRIGHT GREEN (GaP)
Green Diffused
10
25
KB-2350EW
HIGH EFFICIENCY RED (GaAsP/GaP)
White Diffused
20
50
19.05mmx3.81mm
KB-B100SRW
SUPER BRIGHT RED (GaAlAs)
White Diffused
30
80
KB-2450YW
YELLOW (GaAsP/GaP)
White Diffused
15
38
KB-2550SGD
SUPER BRIGHT GREEN (GaP)
Green Diffused
20
50
KB-2655EW
HIGH EFFICIENCY RED (GaAsP/GaP)
White Diffused
20
45
8.89mmx8.89mm
KB-C100SRW
SUPER BRIGHT RED (GaAlAs)
White Diffused
30
80
KB-2755YW
YELLOW (GaAsP/GaP)
White Diffused
15
35
KB-2855SGD
SUPER BRIGHT GREEN (GaP)
Green Diffused
20
50
KB-2600EW
HIGH EFFICIENCY RED (GaAsP/GaP)
White Diffused
10
25
8.89mmx3.81mm
KB-D100SRW
SUPER BRIGHT RED (GaAlAs)
White Diffused
45
75
KB-2700YW
YELLOW (GaAsP/GaP)
White Diffused
8
18
KB-2800SGD
SUPER BRIGHT GREEN (GaP)
Green Diffused
10
25
KB-2620EW
HIGH EFFICIENCY RED (GaAsP/GaP)
White Diffused
10
25
8.89mmx3.81mm
KB-E100SRW
SUPER BRIGHT RED (GaAlAs)
White Diffused
40
75
KB-2720YW
YELLOW (GaAsP/GaP)
White Diffused
8
18
KB-2820SGD
SUPER BRIGHT GREEN (GaP)
Green Diffused
10
25
KB-2635EW
HIGH EFFICIENCY RED (GaAsP/GaP)
White Diffused
20
50
3.81mmx19.05mm
KB-F100SRW
SUPER BRIGHT RED (GaAlAs)
White Diffused
30
80
KB-2735YW
YELLOW (GaAsP/GaP)
White Diffused
15
38
KB-2835SGD
SUPER BRIGHT GREEN (GaP)
Green Diffused
20
50
KB-2670EW
HIGH EFFICIENCY RED (GaAsP/GaP)
White Diffused
20
45
8.89mmx8.89mm
KB-G100SRW
SUPER BRIGHT RED (GaAlAs)
White Diffused
30
80
KB-2770YW
YELLOW (GaAsP/GaP)
White Diffused
15
35
KB-2870SGD
SUPER BRIGHT GREEN (GaP)
Green Diffused
20
50
KB-2685EW
HIGH EFFICIENCY RED (GaAsP/GaP)
White Diffused
25
80
8.89mmx19.05mm
KB-H100SRW
SUPER BRIGHT RED (GaAlAs)
White Diffused
40
150
KB-2785YW
YELLOW (GaAsP/GaP)
White Diffused
25
70
KB-2885SGD
SUPER BRIGHT GREEN (GaP)
Green Diffused
30
100
Selection Guide


Similar Part No. - KB-2500SGD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB-2550GD KINGBRIGHT-KB-2550GD Datasheet
145Kb / 5P
   19.05mm x 3.81mm LED LIGHT BARS
More results

Similar Description - KB-2500SGD

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-2300 QT-HLMP-2300 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLCP-A100 AVAGO-HLCP-A100 Datasheet
338Kb / 16P
   LED Light Bars
HLMP2300 AVAGO-HLMP2300 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP2550 EVERLIGHT-HLMP2550 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Agilent(Hewlett-Packard...
HLCP-A100 HP-HLCP-A100 Datasheet
199Kb / 16P
   LED Light Bars
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2965 AVAGO-HLMP-2965 Datasheet
322Kb / 16P
   LED Light Bars
logo
Fairchild Semiconductor
HLMP-2B85 FAIRCHILD-HLMP-2B85 Datasheet
216Kb / 6P
   LED LIGHT BARS
HLMP2755 FAIRCHILD-HLMP2755 Datasheet
770Kb / 6P
   LED LIGHT BARS
logo
Siemens Semiconductor G...
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
   LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
   LIGHT BARS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com