Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLM1011-6F Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FLM1011-6F
Description  X, Ku-Band Internally Matched FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLM1011-6F Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FLM1011-6F Datasheet HTML 1Page - Eudyna Devices Inc FLM1011-6F Datasheet HTML 2Page - Eudyna Devices Inc FLM1011-6F Datasheet HTML 3Page - Eudyna Devices Inc FLM1011-6F Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FLM1011-6F
X, Ku-Band Internally Matched FET
POWER DERATING CURVE
50
0
100
150
200
Case Temperature (
°C)
40
30
20
10
OUTPUT POWER & IM3 vs. INPUT POWER
VDS=10V
f1 = 11.7 GHz
f2 = 11.71 GHz
2-tone test
15
19
17
21
23
25
Input Power (S.C.L.) (dBm)
S.C.L.: Single Carrier Level
-20
-30
-40
-50
28
26
24
30
32
22
IM3
Pout
OUTPUT POWER vs. FREQUENCY
Pin=32dBm
P1dB
28dBm
26dBm
24dBm
22dBm
20dBm
10.8
11.4
11.2
11.0
11.6
Frequency (GHz)
31
33
35
37
29
27
OUTPUT POWER vs. INPUT POWER
26
28
30
32
34
36
38
20
22
24
26
28
30
32
20
10
30
40
Input Power (dBm)
ηadd
Pout
VDS=10V
f = 11.2 GHz
VDS=10V
P1dB


Similar Part No. - FLM1011-6F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM1011-12F EUDYNA-FLM1011-12F Datasheet
253Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1011-15F EUDYNA-FLM1011-15F Datasheet
202Kb / 5P
   X,Ku-Band Internally Matched FET
FLM1011-20F EUDYNA-FLM1011-20F Datasheet
280Kb / 5P
   X,Ku-Band Internally Matched FET
FLM1011-3F EUDYNA-FLM1011-3F Datasheet
308Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1011-4F EUDYNA-FLM1011-4F Datasheet
299Kb / 4P
   X, Ku-Band Internally Matched FET
More results

Similar Description - FLM1011-6F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM0910-3F EUDYNA-FLM0910-3F Datasheet
311Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1011-20F EUDYNA-FLM1011-20F Datasheet
280Kb / 5P
   X,Ku-Band Internally Matched FET
FLM1213-8F EUDYNA-FLM1213-8F Datasheet
298Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1314-6F EUDYNA-FLM1314-6F Datasheet
300Kb / 4P
   X, Ku-Band Internally Matched FET
FLM0910-8F EUDYNA-FLM0910-8F Datasheet
259Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1213-12F EUDYNA-FLM1213-12F Datasheet
254Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1414-6F EUDYNA-FLM1414-6F Datasheet
296Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1414-12F EUDYNA-FLM1414-12F Datasheet
252Kb / 4P
   X, Ku-Band Internally Matched FET
logo
List of Unclassifed Man...
FLM8596-4F ETC1-FLM8596-4F Datasheet
305Kb / 4P
   X, Ku-Band Internally Matched FET
FLM8596-8F ETC-FLM8596-8F Datasheet
251Kb / 4P
   X, Ku-Band Internally Matched FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com