Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL1545A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LL1545A
Description  Audio Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LL1545A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LL1545A Datasheet HTML 1Page - List of Unclassifed Manufacturers LL1545A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LL1545A , page 1
Audio Transformer
LL1545A
LL1545A is a general-purpose audio transformer with a variety of connection alternatives. The transformer is
built up from two coils, each with a secondary winding surrounded by shields and two primary windings. This
structure results in an excellent frequency response. The transformer can be used in many different applications
such as a high impedance line input transformer (accepting signal levels of 22 dBU @ 40 Hz with primaries in
series), for splitting or as a microphone input transformer.
The LL1545A is made with a mu-metal core and is housed in a mu-metal can.
Refer to page 2 of this sheet for termination alternatives.
Turns ratio:
1 + 1 + 1 + 1 : 2 + 2
Dims: (Length x Width x Height above PCB (mm))
37 x 22.5 x 14.5
Pin Layout (viewed from component side) and Windings Schematics:
Spacing between pins:
2.54 mm (0.1")
Spacing between rows of pins:
22.86 mm (0.9")
Weight:
46 g
Rec. PCB hole diameter:
1.5 mm
Static resistance of each primary (average):
147
Static resistance of each secondary (average):
295
Self resonance point:
> 220 kHz
Recommended load for best square-wave response
(Termination alternative A below):
6.7 k
Ω + 470 pF
Frequency response
(source 600
Ω , load (6.7 kΩ + 470 pF) in parallel with 56 kΩ ):
10 Hz - 70 kHz +/- 0.5 dB @ 0 dBU
Loss across transformer (at midband with termination as above):
0.3 dB
Core:
Mu-metal
Isolation between windings / between windings and shields:
3 kV / 1.5 kV
Data at different termination alternatives, showed on page 2 of this data sheet.
Termination
Alternative
Turns
ratio
Copper Resistance
prim/sec
Idle impedance
@40 Hz, 0dBU
Suggested Use
THD < 0.2%@40 Hz
primary level /
real source impedance
A
1:1
590
Ω / 590 Ω
80 k
Ω / 80 kΩ
10 k
Ω / 10 kΩ
22 dBU / 600
B
1:1
147
Ω / 147 Ω
20 k
Ω / 20 kΩ
600
Ω / 600 Ω
16 dBU / 150
C
1:2
147
Ω / 590 Ω
20 k
Ω / 80 kΩ
600
Ω / 2.5 kΩ
16 dbU / 150
D
1:2
37
Ω / 147 Ω
5 k
Ω / 20 kΩ
200
Ω / 1 kΩ
10 dBU / 37.5
E
1:4
37
Ω / 590 Ω
5 k
Ω / 80 kΩ
200
Ω / 3.2 kΩ
10 dBU / 37.5
F (Split)
2:1+1 590
Ω / 295 Ω + 295 Ω
G (Split)
1:1+1 147
Ω / 295 Ω + 295 Ω Left side can also be connected as B
CenterTap (1:1+1)
or D (1:2+2)
R000113
8
7
6
5
4
3
2
1
15
14
13
11
10
9
Can + Core
13
1
2
3
4
11
14
16
15
9
10
8
7
6
5
 
 
Tibeliusgatan 7
International
Domestic
S-761 50 NORRTÄLJE
Phone
+46 - 176 13930
0176-13930
SWEDEN
Fax
+46 - 176 13935
0176-13935
16
LL1545A
(top view)


Similar Part No. - LL1545A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LL15 GE-LL15 Datasheet
118Kb / 4P
   Voltage Stabilizers
logo
Shanghai Shunye Electro...
LL150 SY-LL150 Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
Chenmko Enterprise Co. ...
LL150PT CHENMKO-LL150PT Datasheet
126Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
LL1517 ETC1-LL1517 Datasheet
23Kb / 1P
   Audio Output Transformer
LL1570 ETC1-LL1570 Datasheet
30Kb / 1P
   Transformers for splitting
More results

Similar Description - LL1545A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-434S ETC2-A-434S Datasheet
80Kb / 1P
   Audio Transformer
logo
Rhombus Industries Inc.
T-1412 RHOMBUS-IND-T-1412 Datasheet
17Kb / 1P
   Audio Transformer
T-803 RHOMBUS-IND-T-803 Datasheet
24Kb / 1P
   Audio Transformer
logo
XFMRS Inc.
XF24-600600 XFMRS-XF24-600600 Datasheet
41Kb / 1P
   AUDIO TRANSFORMER
logo
Rhombus Industries Inc.
T-931 RHOMBUS-IND-T-931 Datasheet
36Kb / 1P
   AUDIO Transformer
T-1024 RHOMBUS-IND-T-1024 Datasheet
40Kb / 1P
   Audio Transformer
T-835 RHOMBUS-IND-T-835 Datasheet
30Kb / 1P
   Audio Transformer
logo
Allied Components Inter...
AEP-158S ALLIED-AEP-158S Datasheet
287Kb / 1P
   AUDIO TRANSFORMER
AT4365 ALLIED-AT4365 Datasheet
1Mb / 1P
   AUDIO TRANSFORMER
AT4539 ALLIED-AT4539 Datasheet
644Kb / 1P
   AUDIO TRANSFORMER
AT3945 ALLIED-AT3945 Datasheet
1Mb / 1P
   Audio Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com