Electronic Components Datasheet Search
Selected language     English  ▼

Delete All
ON OFF

Advanced Search

              





MAX038CPP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX038CPP
Description  Evaluation Kit
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

   
 1 page
background image
MAX038 Evaluation Kit
________________________________________________________________ Maxim Integrated Products
1
_______________General Description
The MAX038 evaluation kit (EV kit) is a high-frequency
function generator capable of producing accurate tri-
angle/sawtooth, sine, and square/pulse waveforms up
to 10MHz, using the supplied components. Output fre-
quency and duty cycle are easily adjusted with on-
board potentiometers. Removable jumpers select sine,
square, or triangle waveforms, or fix the duty cycle at
50%. The output is buffered with a MAX442 amplifier
capable of driving a 50
Ω coaxial cable. The MAX038
EV kit is fully assembled and tested.
___________________________Features
o 325kHz to 10MHz Operation
o Adjustable Duty Cycle
o 2.5V Reference Output
o TTL-Compatible SYNC Output
o Fully Assembled and Tested
____________________Component List
_________________________Quick Start
The MAX038 EV kit is a fully assembled and tested
board. Follow these steps to verify board operation. Do
not turn on the power supply until all connections
are completed.
1) Connect a +5V supply to the pad marked +5V.
Connect a -5V supply to the pad marked -5V.
Connect ground(s) to the GND pad.
2) Connect an oscilloscope to the BNC jack marked
OUTPUT through a terminated 50
Ω cable. The
MAX038 output prior to the amplifier stage may also
be monitored using an oscilloscope probe at the
OUT pad.
3) Place the shunt across pins 2 and 3 of JU4 for 50%
duty cycle. Place the shunt across pins 1 and 2 of
______________Ordering Information
______________________________EV Kit
DESIGNATION
QTY
DESCRIPTION
U1
1
MAX038CPP
U2
1
MAX442CPA
C1
1
82pF capacitor
C2, C3, C5, C7,
C9, C10, C11,
C12
8
0.1µF capacitors
C4, C6, C8
3
4.7µF capacitors
R1, R2
2
20k
Ω potentiometers
R3
1
50k
Ω potentiometer
R4, R5
2
10k
Ω, 5% resistors
R6
1
51
Ω, 5% resistor
R7, R8
2
270
Ω, 5% resistors
R9, R10, R11
3
0
Ω resistors
R12
1
3.3k
Ω, 5% resistor
JU1, JU2, JU5
3
2-pin headers
JU3, JU4
2
3-pin headers
None
5
Shunts
J1
1
BNC jack
PART
MAX038EVKIT-DIP
0°C to +70°C
TEMP. RANGE
BOARD TYPE
Through-Hole
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MEB90500Customer Evaluation Kit Advance Information 1 2 3 4 5 Mitel Networks Corporation
MAX1583MAX1583 Evaluation Kit 1 2 3 4 5 Maxim Integrated Products
MAX5932MAX5932 Evaluation Kit 1 2 3 4 5 MoreMaxim Integrated Products
EK14EVALUATION KIT SIP03 PACKAGED OP AMPS 1 2 Cirrus Logic
EK52EVALUATION KIT FOR MP230FC/MP240FC PIN OUT 1 2 3 4 Cirrus Logic
MEB90812Evaluation Kit Preliminary Information 1 2 3 4 Mitel Networks Corporation
MAX1820MAX1820 Evaluation Kit 1 2 3 4 5 MoreMaxim Integrated Products
EK15EVALUATION KIT FOR SA08 PIN-OUT 1 2 3 4 Cirrus Logic
EK54EVALUATION KIT FOR PA60DK 1 2 Cirrus Logic

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl