Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX333ACWP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX333ACWP
Description  Precision, Quad, SPDT, CMOS Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX333ACWP Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX333ACWP Datasheet HTML 1Page - Maxim Integrated Products MAX333ACWP Datasheet HTML 2Page - Maxim Integrated Products MAX333ACWP Datasheet HTML 3Page - Maxim Integrated Products MAX333ACWP Datasheet HTML 4Page - Maxim Integrated Products MAX333ACWP Datasheet HTML 5Page - Maxim Integrated Products MAX333ACWP Datasheet HTML 6Page - Maxim Integrated Products MAX333ACWP Datasheet HTML 7Page - Maxim Integrated Products MAX333ACWP Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Precision, Quad, SPDT, CMOS Analog Switch
6
_______________________________________________________________________________________
CAPACITANCE
METER
NO_
OR NC_
COM_
GND
C
V-
-15V
IN_
0V, 2.4V
C
+15V
V+
50%
VO1
VO2
0.9VO
+3V
0V
VCOM
0V
VCOM
LOGIC
INPUT
SWITCH
OUTPUT
SWITCH
OUTPUT
+15V
V+
NO
V-
-15V
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
LOGIC 0 INPUT.
GND
LOGIC
INPUT
0V
0.9VO
tD
tD
RL2
NC
CL2
VO2
VO1
CL1
RL = 1000Ω
CL = 35pF
COM_
VCOM
RL1
IN_
VGEN
GND
NC OR NO
CL
10nF
VO
-15V
V-
V+
RGEN
VO
IN_
ON
OFF
ON
∆VO
Q = (
∆VO)(CL)
COM_
+15V
IN_
Figure 3. Channel-Off Capacitance
Figure 5. Break-Before-Make
Figure 6. Charge Injection
CAPACITANCE
METER
NO
OR NC
COM_
GND
C
V-
-15V
IN_
0V,
2.4V
C
+15V
V+
Figure 4. Channel-On Capacitance
______________________________________________Test Circuits/Timing Diagrams


Similar Part No. - MAX333ACWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333C/D MAXIM-MAX333C/D Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333CPP MAXIM-MAX333CPP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333CWP MAXIM-MAX333CWP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333EPP MAXIM-MAX333EPP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
More results

Similar Description - MAX333ACWP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
logo
Pericom Semiconductor C...
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
   Precision, Quad, SPDT, 17V Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com