Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX333AC Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX333AC
Description  Precision, Quad, SPDT, CMOS Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX333AC Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX333AC Datasheet HTML 1Page - Maxim Integrated Products MAX333AC Datasheet HTML 2Page - Maxim Integrated Products MAX333AC Datasheet HTML 3Page - Maxim Integrated Products MAX333AC Datasheet HTML 4Page - Maxim Integrated Products MAX333AC Datasheet HTML 5Page - Maxim Integrated Products MAX333AC Datasheet HTML 6Page - Maxim Integrated Products MAX333AC Datasheet HTML 7Page - Maxim Integrated Products MAX333AC Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Precision, Quad, SPDT, CMOS Analog Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
V+ to V- ..................................................................................44V
VIN, VCOM, VNO, VNC ......................................................V- to V+
(VNO - VNC) ............................................................................32V
V+ to Ground..........................................................................30V
V- to Ground..........................................................................-30V
Current, Any Terminal Except VCOM, VNO, or VNC .............30mA
Continuous Current, VCOM, VNO, or VNC ............................20mA
Peak Current, VCOM, VNO, or VNC
(Pulsed at 1ms, 10% duty cycle max) ............................70mA
ESD ....................................................................................2000V
Continuous Power Dissipation (TA = +70°C) (Note 1)
Plastic DIP (derate above +70°C by 11.11mW/°C) .....889mW
SO (derate above +70°C by 10.00mW/°C) ..................800mW
CERDIP (derate above +70°C by 11.11mW/°C) ..........889mW
TSSOP (derate above +70°C by 7mW/°C) ..................559mW
Operating Temperature Ranges:
MAX333AC_ _ .....................................................0°C to +70°C
MAX333AE_ _ ..................................................-40°C to +85°C
MAX333AMJP ................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS—Dual Supplies
(GND = 0V, V+ = +15V, V- = -15V, TA = +25°C, unless otherwise noted.)
Note 1: Device mounted with all leads soldered to PC board.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and function-
al operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
TYP
MAX
(Notes 2, 3)
UNITS
Input Voltage Low
VIL
V-
0.8
V
Negative Supply Current
I-
0.01
1
µA
V+
10
30
Input Voltage High
VIH
2.4
V+
V
Input Current
IIN
-1.0
0.0001
1.0
µA
Analog Signal Range
VCOM, VNO, VNC
V-
V+
V
Positive Supply Current
I+
0.05
0.25
mA
Supply Voltage Range
V+/V-
±4.5V
±20
V
On Circuit Resistance
RON
20
35
On Resistance Match
Between Channels (Note 4)
RON
On Resistance Flatness
(Note 4)
RON
I(NC or NO) = -10mA, VD = 5V
or -5V, V+ =15V, V- = -15V
On Circuit Leakage
Current
ICOM
-0.75
0.75
nA
Off Circuit Leakage
Current
INC or
INO
-0.25
0.01
0.25
nA
Turn-Off Time
tOFF
145
ns
Turn-On Time
tON
175
ns
Break-Before-Make Time
tOPEN
10
ns
Off Capacitance
COFF
5
pF
On Capacitance
CON
5
pF
Charge Injection
Q
210
pC
OIRR
72
dB
CONDITIONS
VIN = 0V/5V,V+ = 16.5V, V- = -16.5V
Single supply, V- = GND
VIN = V-, V+
Figure 1
VIN = 0V/5V,V+ = 16.5V, V- = -16.5V
Dual supply,
 V+ =  V-
CL = 10nF, VGEN = 0V,
RGEN = 0
Ω, Figure 6
f = 1MHz, RL = 75
Ω,
VCOM = 2.3VRMS
CCRR
78
dB
VCOM = +10V, I(NC or NO) = 1mA;
VCOM = -10V, I(NC or NO) = 1mA
2
TA = +25°C
3
M
TA = +25°C
VCOM = ±15.5V, VNC or VNO = +15.5V,
V+ = 16.5V, V- = -16.5V
VCOM = ±15.5V VNC or VNO = +15.5V,
V+ = 16.5V, V- = -16.5V
M
M
TA = TMIN to TMAX
TA = TMIN to TMAX
C, E
C, E
C, E
TA = +25°C
45
4
5
-1.00
0.20
1.00
-0.50
0.02
0.05
Off Isolation
Crosstalk
I(NC or NO) = -10mA, VD = 10V
or -10V, V+ =15V, V- = -15V
POWER REQUIREMENTS
LOGIC INPUT
SWITCH
DYNAMIC


Similar Part No. - MAX333AC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333C/D MAXIM-MAX333C/D Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333CPP MAXIM-MAX333CPP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333CWP MAXIM-MAX333CWP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333EPP MAXIM-MAX333EPP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
More results

Similar Description - MAX333AC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
logo
Pericom Semiconductor C...
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
   Precision, Quad, SPDT, 17V Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com