Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX333AC Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX333AC
Description  Precision, Quad, SPDT, CMOS Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX333AC Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX333AC Datasheet HTML 1Page - Maxim Integrated Products MAX333AC Datasheet HTML 2Page - Maxim Integrated Products MAX333AC Datasheet HTML 3Page - Maxim Integrated Products MAX333AC Datasheet HTML 4Page - Maxim Integrated Products MAX333AC Datasheet HTML 5Page - Maxim Integrated Products MAX333AC Datasheet HTML 6Page - Maxim Integrated Products MAX333AC Datasheet HTML 7Page - Maxim Integrated Products MAX333AC Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Precision, Quad, SPDT, CMOS Analog Switch
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted).
45
5
-20
-10
10
ON RESISTANCE
vs. VCOM AND POWER SUPPLY VOLTAGE
15
35
VCOM (V)
020
25
40
10
30
20
50
A
B
C
D
A: V+ = 5V,
V- = -5V
B: V+ = 10V,
V- = -10V
C: V+ = 15V,
V- = -15V
D: V+ = 20V,
V- = -20V
5
-20
-10
10
ON RESISTANCE
vs. VCOM AND TEMPERATURE
30
VCOM (V)
020
20
10
25
15
35
V+ = 15V
V- = -15V
TA = +125°C
+85°C
+25°C
-55°C
20
05
15
ON RESISTANCE
vs. VCOM AND TEMPERATURE
120
VCOM (V)
10
20
80
40
100
60
140
V- = 0V
V+ = 5V
V+ = 10V
V+ = 15V
V+ = 20V
10
05
15
ON RESISTANCE
vs. VCOM AND SINGLE SUPPLY
60
VCOM (V)
10
20
40
20
50
30
70
V+ = 12V
V- = 0V
TA = +125°C
TA = +85°C
TA = +25°C
-75
-20
CHARGE INJECTION vs. VCOM
50
VCOM (V)
020
0
-50
25
-25
75
-15 -10
-5
5
10
15
VSUPPLY = +15V
0.0001
-55
OFF LEAKAGE CURRENTS
vs. TEMPERATURE
10
TEMPERATURE (°C)
+25
+125
0.1
0.001
1
0.01
100
V+ = 16.5V
V- = -16.5V
VCOM = ±15V
VNC OR VNO = ±15V
0.0001
-55
ON LEAKAGE CURRENTS
vs. TEMPERATURE
10
TEMPERATURE (°C)
+25
+125
0.1
0.001
1
0.01
100
V+ = 16.5V
V- = -16.5V
VCOM = ±15V
VNC OR VNO = ±15V
0.0001
-55
SUPPLY CURRENT vs. TEMPERATURE
10
TEMPERATURE (°C)
+25
+125
0.1
0.001
1
0.01
100
I+ AT V+ = +16.5V
I- AT V+ = +16.5V


Similar Part No. - MAX333AC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333C/D MAXIM-MAX333C/D Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333CPP MAXIM-MAX333CPP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333CWP MAXIM-MAX333CWP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333EPP MAXIM-MAX333EPP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
More results

Similar Description - MAX333AC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
logo
Pericom Semiconductor C...
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
   Precision, Quad, SPDT, 17V Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com