Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX611CSA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX611CSA
Description  AC-to-DC Regulator(110/220VAC to 5.0VDC)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX611CSA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX611CSA Datasheet HTML 3Page - Maxim Integrated Products MAX611CSA Datasheet HTML 4Page - Maxim Integrated Products MAX611CSA Datasheet HTML 5Page - Maxim Integrated Products MAX611CSA Datasheet HTML 6Page - Maxim Integrated Products MAX611CSA Datasheet HTML 7Page - Maxim Integrated Products MAX611CSA Datasheet HTML 8Page - Maxim Integrated Products MAX611CSA Datasheet HTML 9Page - Maxim Integrated Products MAX611CSA Datasheet HTML 10Page - Maxim Integrated Products MAX611CSA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AC-to-DC Regulator
(110/220VAC to 5.0VDC)
_______________________________________________________________________________________
7
Polarity Insensitive
Battery-Powered Supply
Figure 12 shows a +5V power supply that works even if
the battery is installed backwards: the full-wave bridge
rectifier of the MAX612 corrects the battery polarity.
The MAX612 is well suited for battery-powered circuits
since its quiescent current is only 70µA. The MAX610
can also be used if the battery voltage is less than 10V.
Battery Charger
The +6.7V open circuit or float voltage of Figure 13 is
set by R2 and R3; the maximum charging current of
60mA is set by the value of C1. Since, unlike trans-
former-driven battery chargers, C1 conducts current
throughout most of each line cycle, the ratio of the RMS
charging current to the average charging current is
only about 1.2:1, and capacitor C2 is optional.
IAVG(MAX) = VIN x 5.56 FIN x C1 (maximum charging
current) (A)
FIN = Input Frequency
IRMS = 1.2 IAVG; without C2
IRMS = IAVG; with C2.
The half-wave MAX611 can also be used in this circuit,
but the value of C1 must be doubled and the ratio of
RMS current to average current increases to about
1.7:1.
MAX611
AC1
5V
LOGIC
LEVEL
LEVEL SHIFTER
OR OPEN-
COLLECTOR
BUFFER SUCH
AS MC14504
OR MM74C907
6
+5V
7
117VAC
POWER
LINE
TO
AC
LOAD
1
4
5
3
N.C.
RD
C1
2
µF
470
µF
15V
R1
47
1/2W
1M
1k
V-
CONTROL
SYSTEM
V+
VOUT
VSENSE
OUV
8
+12V OUTPUT
2
AC
LOAD
Figure 10. Driving Triacs with +12V Supply
+12V
+6V
+1.5V
V+
VOUT
4.65V
0V
OUTPUT
MOMENTARILY
SHORTED
OFF
tDELAY
(OPEN)
ON
OUV
(SINKING CURRENT)
tDELAY
tDELAY
tDELAY
500
t < tDELAY
5.36V
+1.5V
OUTPUT
SHORTED
TO ANOTHER
POWER SUPPLY
OUV OUTPUT
INDETERMINATE
WHEN V+ < 1.8V
Figure 9b. Power-Up Reset Delay


Similar Part No. - MAX611CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6100 MAXIM-MAX6100 Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
MAX6100EUR MAXIM-MAX6100EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6100EUR-T MAXIM-MAX6100EUR-T Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6101 MAXIM-MAX6101 Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
More results

Similar Description - MAX611CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX601 MAXIM-MAX601 Datasheet
345Kb / 4P
   AC To DC Regulator
logo
Tumbler Technologies + ...
PD110-10 TRUMPOWER-PD110-10 Datasheet
230Kb / 3P
   110 WATT DC TO DC CONVERTERS
logo
Vicor Corporation
PRM48DH480B03 VICOR-PRM48DH480B03 Datasheet
713Kb / 22P
   DC to DC Regulator
logo
ETA-USA
WRDJ-00X ETA-USA-WRDJ-00X Datasheet
1Mb / 4P
   110 WATT AC-DC CONVERTER
logo
TDK Electronics
CAK-001 TDK-CAK-001 Datasheet
145Kb / 2P
   TDK DC to DC Converters, DC to AC inverters
CD-1601N TDK-CD-1601N Datasheet
757Kb / 9P
   TDK DC to DC Converters, DC to AC Inverters
logo
ETA-USA
WRDQ-00X ETA-USA-WRDQ-00X Datasheet
1Mb / 5P
   110 WATT AC-DC CONVERTER
logo
Micrel Semiconductor
MIC261203ZA MICREL-MIC261203ZA_14 Datasheet
1Mb / 29P
   Synchronous DC-to-DC Buck Regulator
logo
TRACO Electronic AG
TXLN110 TRACOPOWER-TXLN110 Datasheet
990Kb / 4P
   AC/DC Power Supply TXLN 110 Series, 110 Watt
Rev. March 16, 2023
logo
Leadshine Technology Co...
EL6-RS LEADSHINE-EL6-RS Datasheet
1Mb / 14P
   EL6-RS Series AC Servo Drives – 220VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com