Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAK-II Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PAK-II
Description  310 Ivy Glen Court
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAK-II Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PAK-II Datasheet HTML 2Page - List of Unclassifed Manufacturers PAK-II Datasheet HTML 3Page - List of Unclassifed Manufacturers PAK-II Datasheet HTML 4Page - List of Unclassifed Manufacturers PAK-II Datasheet HTML 5Page - List of Unclassifed Manufacturers PAK-II Datasheet HTML 6Page - List of Unclassifed Manufacturers PAK-II Datasheet HTML 7Page - List of Unclassifed Manufacturers PAK-II Datasheet HTML 8Page - List of Unclassifed Manufacturers PAK-II Datasheet HTML 9Page - List of Unclassifed Manufacturers PAK-II Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
and specials.
Pin
Name
Type
Description
3
Busy/Mode
Input/Output
This pin has two functions. At start up, if the
pin is pulled up by a resistor, the PAK1 uses
this pin as a busy indicator. The pin will read 0
when the PAK is not busy. However, if at
startup the pin is pulled to ground, the PAK
will indicate its busy status on the Enable/
Busy pin.
2
Enable/
Busy
Input or
Open
Collector
Output
If Busy/Mode is pulled high at start up, the
Enable/Busy pin is only an input. Bring it low
to disable the PAK, or high to enable it.
However, if Busy/Mode is pulled low at start
up, this pin serves as an open-collector I/O
pin. If the host pulls the pin low, it disables the
PAK. If the PAK is busy, it pulls the pin low.
6
CLK
Input
The host pulses the CLK pin to shift data in or
out of the PAK II.
4
SIN
Input
The PAK II reads data from this pin. You may
short SIN and SOUT and use the same pin for
input and output if the host is capable of
treating a single pin as an I/O pin.
5
SOUT
Open
Collector
Output
The PAK II writes data to the host on this pin.
Since the pin is open collector, you'll need a
resistor to 5V on this pin. You may short SIN
and SOUT together to use one pin for I/O
1
RESET
Input
Hardware resets the PAK II when low.
7/8/
19
VSS
Power
Ground - please connect all ground pins.
20
VDD
Power
+5V
9
RES1
Clock
Connects to resonator
10
RES2
Clock
Connects to resonator
21-
28
A0-A7
I/O
General purpose I/O
11-
18
B0-B7
I/O
General purpose I/O


Similar Part No. - PAK-II

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAK-III ETC1-PAK-III Datasheet
122Kb / 14P
   Using the PAK-III I/O Coprocessor
More results

Similar Description - PAK-II

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAK-VI ETC1-PAK-VI Datasheet
74Kb / 16P
   310 Ivy Glen Court
PAK-I ETC1-PAK-I Datasheet
140Kb / 28P
   310 Ivy Glen Court
PAK-VA ETC1-PAK-VA Datasheet
56Kb / 12P
   310 Ivy Glen Court
logo
Bel Fuse Inc.
SS-7388H66S-PG3-AD BEL-SS-7388H66S-PG3-AD Datasheet
222Kb / 2P
   R.D. 2, BOX 2020 GLEN ROCK, PENNSYLVANIA 17327
logo
TRIAD MAGNETICS
VPP16-310 TRIAD-VPP16-310 Datasheet
45Kb / 1P
   VPP16-310
logo
Varitronix internationa...
VIM-310 VARITRONIX-VIM-310 Datasheet
28Kb / 1P
   VIM-310
logo
List of Unclassifed Man...
OSD070TN84 ETC2-OSD070TN84 Datasheet
979Kb / 27P
   310 Genius Drive
logo
WILLAS ELECTRONIC CORP
2N7002ELT1 WILLAS-2N7002ELT1 Datasheet
324Kb / 4P
   310 mAmps, 60 Volts
logo
List of Unclassifed Man...
EASYBOARD-882E ETC2-EASYBOARD-882E Datasheet
1Mb / 2P
   Wide-Range Temperature 3.5" Intel짰 Ivy Bridge i7-3517UE Compact Board
FW-7582 ETC2-FW-7582 Datasheet
238Kb / 2P
   Cost Effective Network Security Platform with Intel짰 3rd Generation (Ivy Bridge) Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com