Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLM1414-15F Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # FLM1414-15F
Description  X,Ku-Band Internally Matched FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLM1414-15F Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FLM1414-15F Datasheet HTML 1Page - Eudyna Devices Inc FLM1414-15F Datasheet HTML 2Page - Eudyna Devices Inc FLM1414-15F Datasheet HTML 3Page - Eudyna Devices Inc FLM1414-15F Datasheet HTML 4Page - Eudyna Devices Inc FLM1414-15F Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
X,Ku-Band Internally Matched FET
FEATURES
High Output Power: P1dB=42.0dBm(Typ.)
High Gain: G1dB=6.0dB(Typ.)
High PAE:
ηadd=26%(Typ.)
Broad Band: 14.0~14.5GHz
Impedance Matched Zin/Zout = 50
Hermetically Sealed Package
DESCRIPTION
The FLM1414-15F is a power GaAs FET that is internally matched
for standard communication bands to provide optimum power and
gain in a 50
Ω system.
ABSOLUTE MAXIMUM RATINGS (Case Temperature Tc=25oC)
ELECTRICAL CHARACTERISTICS (Case Temperature Tc=25oC)
CASE STYLE: IB
G.C.P.:Gain Compression Point , S.C.L.:Single Carrier Level
Edition 1.4
May 2004
1
RECOMMENDED OPERATING CONDITION(Case Temperature Tc=25oC)
FLM1414-15F
ESD
Class III
2000V
~
Note : Based on EIAJ ED-4701 C-111A(C=100pF, R=1.5k
Ω)
Item
Symbol
Rating
Unit
Drain-Source Voltage
Gate-Source Voltage
Total Power Dissipation
Storage Temperature
VDS
VGS
PT
Tstg
15
-5
75
-65 to +175
V
V
W
o
C
Channel Temperature
Tch
175
o
C
Power Gain at 1dB G.C.P.
Limit
Item
Symbol
Test Conditions
Unit
Drain Current
Output Power at 1dB G.C.P.
Gain Flatness
IDSS
P1dB
∆ G
A
V
dB
dBm
Min.
Typ.
Max.
Drain Current
Idsr
mS
V
mA
-
6700
-
-0.5
-1.5
-3.0
-5.0
-
-
41.5
42.0
-
5.0
6.0
-
-
4200
5000
VDS=10V
f=14.0 - 14.5 GHz
IDS=0.6IDSS(typ)
Zs=ZL=50
Power-added Efficiency
ηadd
%
-
26
-
--
1.2
-
7.2
10.0
VDS=5V , VGS=0V
Transconductance
gm
VDS=5V , IDS=3600mA
Pinch-off Voltage
Vp
VDS=5V , IDS=300mA
Gate-Source Breakdown Voltage
VGSO
IGS=-340
µA
G1dB
dB
3rd Order Intermodulation
Distortion
IM3
f=14.5 GHz
Δ
f=10MHz,2-Tone Test
Pout=30.0dBm(S.C.L.)
Thermal Resistance
-42.0
-45.0
-
dBc
Rth
Channel to Case
-
1.8
2.0
o
C/W
Channel Temperature Rise
∆ Tch
10V x Idsr X Rth
--
80
o
C
Item
Symbol
Condition
Unit
DC Input Voltage
Forward Gate Current
VDS
IGF
10
48
V
mA
Limit
RG=50
Reverse Gate Current
IGR
RG=50
-6.6
mA


Similar Part No. - FLM1414-15F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM1414-12F EUDYNA-FLM1414-12F Datasheet
252Kb / 4P
   X, Ku-Band Internally Matched FET
More results

Similar Description - FLM1414-15F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM0910-3F EUDYNA-FLM0910-3F Datasheet
311Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1011-20F EUDYNA-FLM1011-20F Datasheet
280Kb / 5P
   X,Ku-Band Internally Matched FET
FLM1213-8F EUDYNA-FLM1213-8F Datasheet
298Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1314-6F EUDYNA-FLM1314-6F Datasheet
300Kb / 4P
   X, Ku-Band Internally Matched FET
FLM0910-8F EUDYNA-FLM0910-8F Datasheet
259Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1011-6F EUDYNA-FLM1011-6F Datasheet
298Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1213-12F EUDYNA-FLM1213-12F Datasheet
254Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1414-6F EUDYNA-FLM1414-6F Datasheet
296Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1414-12F EUDYNA-FLM1414-12F Datasheet
252Kb / 4P
   X, Ku-Band Internally Matched FET
logo
List of Unclassifed Man...
FLM8596-4F ETC1-FLM8596-4F Datasheet
305Kb / 4P
   X, Ku-Band Internally Matched FET
FLM8596-8F ETC-FLM8596-8F Datasheet
251Kb / 4P
   X, Ku-Band Internally Matched FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com