Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLM1415-3F Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FLM1415-3F
Description  Internally Matched Power GaAs FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLM1415-3F Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FLM1415-3F Datasheet HTML 1Page - Eudyna Devices Inc FLM1415-3F Datasheet HTML 2Page - Eudyna Devices Inc FLM1415-3F Datasheet HTML 3Page - Eudyna Devices Inc FLM1415-3F Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FLM1415-3F
Internally Matched Power GaAs FET
S-PARAMETERS
VDS = 10V, IDS = 900mA
FREQUENCY
S11
S21
S12
S22
(MHZ)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
14300
.214
-70.6
1.917
69.6
.099
75.2
.680
2.0
14400
.128
-87.9
1.987
58.3
.104
63.1
.645
-5.2
14500
.065
-142.8
2.045
47.0
.110
52.4
.603
-13.4
14600
.089
144.4
2.074
35.4
.110
41.5
.554
-21.3
14700
.151
117.3
2.095
23.2
.112
30.2
.513
-31.0
14800
.213
102.1
2.099
11.7
.114
18.1
.467
-40.2
14900
.255
91.1
2.092
0.1
.119
7.9
.421
-51.0
15000
.283
80.1
2.097
-11.6
.119
-3.6
.379
-63.2
15100
.292
69.8
2.078
-23.8
.123
-18.6
.331
-77.6
15200
.290
57.8
2.071
-36.3
.122
-28.9
.304
-97.3
15300
.263
43.8
2.039
-48.8
.124
-40.2
.291
-121.3
15400
.230
25.7
1.993
-61.7
.121
-54.5
.310
-143.1
15500
.196
0.2
1.941
-74.8
.120
-68.2
.360
-160.4
+j250
+j100
+j50
+j25
+j10
0
-j10
-j25
-j50
-j100
-j250
S11
S22
180
°
+90
°
0
°
-90
°
S21
S12
SCALE FOR |S21|
0.1
0.2
5
100
14.3 GHz
14.3 GHz
14.3 GHz
14.3 GHz
14.7
14.7
15.0
15.0
15.3
15.3
15.5
15.5
14.5
14.7
15.0
15.0
15.3
15.3
15.5
15.5
14.5
14.7
14.5
14.5
10
25
1
2
3
4


Similar Part No. - FLM1415-3F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM1415-6F EUDYNA-FLM1415-6F Datasheet
297Kb / 4P
   Internally Matched Power GaAs FET
More results

Similar Description - FLM1415-3F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM1414-8F EUDYNA-FLM1414-8F Datasheet
295Kb / 4P
   Internally Matched Power GaAs FET
FLM1414-4F EUDYNA-FLM1414-4F Datasheet
304Kb / 4P
   Internally Matched Power GaAs FET
FLM1414-3F EUDYNA-FLM1414-3F Datasheet
296Kb / 4P
   Internally Matched Power GaAs FET
FLM1415-6F EUDYNA-FLM1415-6F Datasheet
297Kb / 4P
   Internally Matched Power GaAs FET
logo
Mitsubishi Electric Sem...
MGFC39V5864 MITSUBISHI-MGFC39V5864 Datasheet
108Kb / 3P
   C band internally matched power GaAs FET
MGFC42V7177 MITSUBISHI-MGFC42V7177 Datasheet
105Kb / 2P
   C band Internally Matched Power GaAs FET
MGFC36V6472A MITSUBISHI-MGFC36V6472A_11 Datasheet
93Kb / 2P
   C band internally matched power GaAs FET
MGFC38V6472 MITSUBISHI-MGFC38V6472_11 Datasheet
115Kb / 3P
   C band internally matched power GaAs FET
MGFC36V7177A MITSUBISHI-MGFC36V7177A_11 Datasheet
124Kb / 3P
   C band internally matched power GaAs FET
MGFC39V5258 MITSUBISHI-MGFC39V5258_11 Datasheet
130Kb / 3P
   C band internally matched power GaAs FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com