Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2595 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA2595
Description  Horizontal combination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2595 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA2595 Datasheet HTML 2Page - NXP Semiconductors TDA2595 Datasheet HTML 3Page - NXP Semiconductors TDA2595 Datasheet HTML 4Page - NXP Semiconductors TDA2595 Datasheet HTML 5Page - NXP Semiconductors TDA2595 Datasheet HTML 6Page - NXP Semiconductors TDA2595 Datasheet HTML 7Page - NXP Semiconductors TDA2595 Datasheet HTML 8Page - NXP Semiconductors TDA2595 Datasheet HTML 9Page - NXP Semiconductors TDA2595 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
March 1987
6
Philips Semiconductors
Product specification
Horizontal combination
TDA2595
Horizontal oscillator
(pins 14 and 16)
Frequency; free running
fosc
15 625
Hz
Reference voltage for fosc
V14-5
6
V
Frequency control sensitivity
∆f
osc/∆I14
31
Hz/
µA
Adjustment range of circuit Fig.1
∆fosc
−± 10
%
Spread of frequency
∆f
osc
−−
5%
Frequency dependency (excluding
tolerance of external (components)
−± 0,05
with supply voltage (VP =12 V)
with supply voltage drop of 5 V
∆fosc
−−
10
%
with temperature
TC
−−
± 10−4
K−1
Capacitor current during:
discharging
+ I
16
1024
−µA
charging
− I
16
313
−µA
Sawtooth voltage timing (pin 14)
rise time
tr
49
−µs
fall time
tf
15
−µs
Horizontal output pulse (pin 4)
Output voltage LOW at I4 =50mA
V4-5
−−
0,5
V
Pulse duration (HIGH)
tp
29
± 1,5
−µs
Supply voltage for switching off
the output pulse (pin 15)
VP
4
V
Hysteresis for switching
on the output pulse
∆VP
250
mV
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
∆f
osc fosc
∆V
15
5
V
15
5
----------------------------------------


Similar Part No. - TDA2595

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TDA2590 FAIRCHILD-TDA2590 Datasheet
344Kb / 7P
   TV HORIZONTAL OSCILLATOR COMBINATION
logo
STMicroelectronics
TDA2593 STMICROELECTRONICS-TDA2593 Datasheet
172Kb / 6P
   SYNCHRO AND HORIZONTAL DEFLECTION CONTROL FOR COLOR TV SET
logo
List of Unclassifed Man...
TDA2594 ETC-TDA2594 Datasheet
290Kb / 7P
   HORIZONTAL COMBINATION
More results

Similar Description - TDA2595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA2594 ETC-TDA2594 Datasheet
290Kb / 7P
   HORIZONTAL COMBINATION
logo
Fairchild Semiconductor
TDA2590 FAIRCHILD-TDA2590 Datasheet
344Kb / 7P
   TV HORIZONTAL OSCILLATOR COMBINATION
logo
NTE Electronics
NTE7115 NTE-NTE7115 Datasheet
44Kb / 6P
   Integrated Circuit Color TV Horizontal Combination Circuit
logo
Motorola, Inc
MC13081X MOTOROLA-MC13081X Datasheet
222Kb / 20P
   Multimode Color Monitor Horizontal, Vertical, and Video Combination Processor
logo
NTE Electronics
NTE7001 NTE-NTE7001 Datasheet
40Kb / 5P
   Integrated Circuit Horizontal Combination Circuit for Color TV & Computer Monitors
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
logo
List of Unclassifed Man...
ECG1086 ETC1-ECG1086 Datasheet
209Kb / 5P
   SYNCHRONOUS SEPARATOR, HORIZONTAL AFC, HORIZONTAL OSCILLATOR
logo
PIC GmbH
PLS-092A-3PPH PIC-PLS-092A-3PPH Datasheet
251Kb / 2P
   Horizontal-Levelsensor
logo
CUI INC
UJ2-AH-SMT CUI-UJ2-AH-SMT Datasheet
323Kb / 4P
   horizontal orientation
logo
KODENSHI_AUK CORP.
SG257 KODENSHI-SG257 Datasheet
282Kb / 2P
   Horizontal slit/
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com