Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2595 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA2595
Description  Horizontal combination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2595 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA2595 Datasheet HTML 3Page - NXP Semiconductors TDA2595 Datasheet HTML 4Page - NXP Semiconductors TDA2595 Datasheet HTML 5Page - NXP Semiconductors TDA2595 Datasheet HTML 6Page - NXP Semiconductors TDA2595 Datasheet HTML 7Page - NXP Semiconductors TDA2595 Datasheet HTML 8Page - NXP Semiconductors TDA2595 Datasheet HTML 9Page - NXP Semiconductors TDA2595 Datasheet HTML 10Page - NXP Semiconductors TDA2595 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
March 1987
7
Philips Semiconductors
Product specification
Horizontal combination
TDA2595
Phase comparison
ϕ1 (pin 17)
Control voltage range
V17-5
3,55
8,3
V
Leakage current
at V17-5 = 3,55 to 8,3 V
I17
−−
1
µA
Control current for external
time-constant switch
± I17
1,8
2
2,2
mA
Control current at V18-5 =V15-5
and V13-5 < 2 V or V13-5 > 9,5 V
± I17
8
mA
Control current at V18-5 =V15-5
and V13-5 = 2 to 9,5 V
± I17
1,8
2
2,2
mA
Horizontal oscillator control
control sensitivity
Sϕ
6
−−
kHz/
µs
catching and holding range
±∆f
osc
680
Hz
spread of catching and holding range
±∆fosc
10
%
Internal keying pulse
at V13-5 = 2,9 to 9,5 V
tp
7,5
−µs
Time-constant switch
slow time-constant at
V13-5
9,5
2V
fast time-constant at
V13-5
2
9,5
V
Impedance converter offset voltage
(slow time-constant)
± V
17-18
−−
3mV
Output resistance
slow time-constant
R18-5
−−
10
fast time-constant
R18-5
high impedance
Leakage current
I18
−−
1
µA
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA2595

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TDA2590 FAIRCHILD-TDA2590 Datasheet
344Kb / 7P
   TV HORIZONTAL OSCILLATOR COMBINATION
logo
STMicroelectronics
TDA2593 STMICROELECTRONICS-TDA2593 Datasheet
172Kb / 6P
   SYNCHRO AND HORIZONTAL DEFLECTION CONTROL FOR COLOR TV SET
logo
List of Unclassifed Man...
TDA2594 ETC-TDA2594 Datasheet
290Kb / 7P
   HORIZONTAL COMBINATION
More results

Similar Description - TDA2595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA2594 ETC-TDA2594 Datasheet
290Kb / 7P
   HORIZONTAL COMBINATION
logo
Fairchild Semiconductor
TDA2590 FAIRCHILD-TDA2590 Datasheet
344Kb / 7P
   TV HORIZONTAL OSCILLATOR COMBINATION
logo
NTE Electronics
NTE7115 NTE-NTE7115 Datasheet
44Kb / 6P
   Integrated Circuit Color TV Horizontal Combination Circuit
logo
Motorola, Inc
MC13081X MOTOROLA-MC13081X Datasheet
222Kb / 20P
   Multimode Color Monitor Horizontal, Vertical, and Video Combination Processor
logo
NTE Electronics
NTE7001 NTE-NTE7001 Datasheet
40Kb / 5P
   Integrated Circuit Horizontal Combination Circuit for Color TV & Computer Monitors
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
logo
List of Unclassifed Man...
ECG1086 ETC1-ECG1086 Datasheet
209Kb / 5P
   SYNCHRONOUS SEPARATOR, HORIZONTAL AFC, HORIZONTAL OSCILLATOR
logo
PIC GmbH
PLS-092A-3PPH PIC-PLS-092A-3PPH Datasheet
251Kb / 2P
   Horizontal-Levelsensor
logo
CUI INC
UJ2-AH-SMT CUI-UJ2-AH-SMT Datasheet
323Kb / 4P
   horizontal orientation
logo
KODENSHI_AUK CORP.
SG257 KODENSHI-SG257 Datasheet
282Kb / 2P
   Horizontal slit/
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com