Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82M32B Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT82M32B
Description  3/5-Key 3D PS/2 Optical Mouse Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M32B Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT82M32B Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 9Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 10Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 11Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2D PS/2 Optical Mouse Controller (PAN3101)
3D PS/2 Optical Mouse Controller (PAN3101)
HT82M32A/HT82M32B
Rev. 1.00
8
January 24, 2006
1
2
3
4
D A T A
C L K
V D D
G N D
G N D
J 1
P S 2 C o n
1
2
3
4
5
4 . 7 k W
4 . 7 k W
1 0 0 m F
1
2
3
4
5
6
7
8
S W 7
S W 8
R
L
U 4
R B
L B
Z 2 / A
Z 1 / B
R B 1
S D I O
S C L K
V S S
R O
R B 0
P S 2 D
P S 2 C K
N C
O S C 1
V D D
R E S
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
S W 9
1 4 0 k W
0 . 1 m F
0 . 1 m F
4 7 k W
M
O S C _ I N
O S C _ O U T
S D I O
S C K
P A N 3 1 0 1
U 3
1 N 4 1 4 8
5 1 W
L E D
1 8 . 4 3 2 M H z
Y 1
1 m F
1 0 m F
0 . 1 m F
8
7
6
5
R E F A
V D D
G N D
L E D _ C T R L
1 0 0 W
2 N 3 9 0 6
1 k W
H T 8 2 M 3 2 A / H T 8 2 M 3 2 B
6 8 W
6 8 W
4 7 0 p F
4 7 0 p F
1
2
3
4
D A T A
C L K
V D D
G N D
G N D
J 1
P S 2 C o n
1
2
3
4
5
4 . 7 k W
4 . 7 k W
1 0 0 m F
1
2
3
4
5
6
7
8
S W 7
S W 8
R
L
U 4
R B
L B
Z 2 / A
Z 1 / B
R B 1
S D I O
S C L K
V S S
R O
R B 0
P S 2 D
P S 2 C K
N C
O S C 1
V D D
R E S
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
S W 9
1 4 0 k W
0 . 1 m F
0 . 1 m F
4 7 k W
M
O S C _ I N
O S C _ O U T
S D I O
S C K
P A N 3 1 0 1
U 3
1 N 4 1 4 8
5 1 W
L E D
1 8 . 4 3 2 M H z
Y 1
1 m F
1 0 m F
0 . 1 m F
8
7
6
5
R E F A
V D D
G N D
L E D _ C T R L
1 0 0 W
2 N 3 9 0 6
1 k W
E n c o d e r
H T 8 2 M 3 2 A / H T 8 2 M 3 2 B
6 8 W
6 8 W
4 7 0 p F
4 7 0 p F


Similar Part No. - HT82M32B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M30A-16DIP-A HOLTEK-HT82M30A-16DIP-A Datasheet
177Kb / 13P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M30A-18DIP-A HOLTEK-HT82M30A-18DIP-A Datasheet
177Kb / 13P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M33A HOLTEK-HT82M33A Datasheet
642Kb / 13P
   3D Mouse Controller
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
   3/5-Key 3D PS/2 Optical Mouse Controller
More results

Similar Description - HT82M32B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M39A HOLTEK-HT82M39A_05 Datasheet
112Kb / 8P
   3-Key 3D PS/2 Mouse Controller
HT82M398A HOLTEK-HT82M398A_06 Datasheet
108Kb / 7P
   5-Key 3D WIN2000 PS/2 Mouse Controller
HT82M25X HOLTEK-HT82M25X Datasheet
144Kb / 13P
   3/5-Key USBPS/2 Optical Mouse Controller
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
   3-Key 3D USBPS/2 Mouse Controller
HT82M23A HOLTEK-HT82M23A Datasheet
169Kb / 14P
   3/5-Key USBPS/2 Optical Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com