Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PNA4610M Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # PNA4610M
Description  Bipolar Integrated Circuit with Photodetection Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PNA4610M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  PNA4610M Datasheet HTML 1Page - Panasonic Semiconductor PNA4610M Datasheet HTML 2Page - Panasonic Semiconductor PNA4610M Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Photo IC
PNA4601M, PNA4602M, PNA4608M, PNA4610M
10˚
20˚
30˚
40˚
50˚
60˚
70˚
80˚
90˚
Directivity characteristics
Spectral sensitivity characteristics
100
80
60
40
20
Wavelength
λ (nm)
700
800
900
1000
1100
1200
0
600
B.P.F frequency characteristics
(PNA4602M)*
100
80
60
40
20
Carrier frequency (kHz)
35
37
39
41
43
0
33
VCC = 5V
Transmitter : Standard LED
Transmission unit used
L max — Ta
120
80
40
100
60
20
Ambient temperature
Ta (˚C )
020
60
80
40
100
0
– 20
* The peaks for PNA4601M, PNA4608M,
and PNA4610M are all f0.
20
90
100
80
70
60
50
40
30


Similar Part No. - PNA4610M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNA4611 PANASONIC-PNA4611 Datasheet
95Kb / 5P
   Bipolar Integrated Circuit with Photodetection Function
PNA4611M PANASONIC-PNA4611M Datasheet
95Kb / 5P
   Bipolar Integrated Circuit with Photodetection Function
PNA4612M PANASONIC-PNA4612M Datasheet
95Kb / 5P
   Bipolar Integrated Circuit with Photodetection Function
PNA4613M PANASONIC-PNA4613M Datasheet
95Kb / 5P
   Bipolar Integrated Circuit with Photodetection Function
PNA4614M PANASONIC-PNA4614M Datasheet
95Kb / 5P
   Bipolar Integrated Circuit with Photodetection Function
More results

Similar Description - PNA4610M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ7103 PANASONIC-PNZ7103 Datasheet
29Kb / 1P
   Bipolar Integrated Circuit with Photodetection Function
PNA4603H PANASONIC-PNA4603H Datasheet
21Kb / 1P
   Bipolar Integrated Circuit with Photodetection Function
PNA4S11M PANASONIC-PNA4S11M Datasheet
48Kb / 3P
   Bipolar Integrated Circuit with Photodetection Function
PNA4611M PANASONIC-PNA4611M Datasheet
95Kb / 5P
   Bipolar Integrated Circuit with Photodetection Function
PNA4K01F PANASONIC-PNA4K01F Datasheet
410Kb / 4P
   Bipolar Integrated Circuit with Photodetection Function
PNA4211F PANASONIC-PNA4211F Datasheet
43Kb / 2P
   Bipolar Integrated Circuit with Photodetection Function
PNA4S01M PANASONIC-PNA4S01M Datasheet
47Kb / 3P
   Bipolar Integrated Circuit with Photodetection Function
logo
NEC
UPC832 NEC-UPC832 Datasheet
100Kb / 12P
   Bipolar Analog Integrated Circuit
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
NEC
UPC1230H2 NEC-UPC1230H2 Datasheet
146Kb / 2P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com