Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA3082-H Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MA3082-H
Description  Silicon planar type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3082-H Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MA3082-H Datasheet HTML 1Page - Panasonic Semiconductor MA3082-H Datasheet HTML 2Page - Panasonic Semiconductor MA3082-H Datasheet HTML 3Page - Panasonic Semiconductor MA3082-H Datasheet HTML 4Page - Panasonic Semiconductor MA3082-H Datasheet HTML 5Page - Panasonic Semiconductor MA3082-H Datasheet HTML 6Page - Panasonic Semiconductor MA3082-H Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Zener Diodes
398
MAZ3000 Series
IZ  VZ
IZ  VZ
IZ  VZ
IZ  VZ
IZ  VZ
IZ  VZ
Zth  tW
RZ  IZ
0
20
40
60
80
100
012345
6
Zener voltage V
Z
(V)
Ta
= 25°C
Static
Characteristics
MAZ3020
MAZ3039
MAZ3036
MAZ3033
MAZ3027
MAZ3024
0
10
20
30
40
50
02468
10
12
Zener voltage V
Z
(V)
Ta
= 25°C
Static
Characteristics
MAZ3051
MAZ3056
MAZ3062
MAZ3068
MAZ3075
0
4
8
12
16
20
0
1020304050
Zener voltage V
Z
(V)
Ta
= 25°C
Static
Characteristics
MAZ3130
MAZ3240
MAZ3270
MAZ3300
MAZ3330
MAZ3360
MAZ3200
MAZ3160
MAZ3110
0
120
100
80
60
40
20
012345
6
Zener voltage V
Z
(V)
Tj
= 25°C
Dynamic
Characteristics
MAZ3020
MAZ3024
MAZ3027
MAZ3030
MAZ3033
MAZ3036
MAZ3039
MAZ3043
0
60
50
40
30
20
10
02468
10
12
Zener voltage V
Z
(V)
Tj
= 25°C
Static
Characteristics
MAZ3075
MAZ3068
MAZ3062
MAZ3056
MAZ3051
MAZ3047
0
24
20
16
12
8
4
050
40
30
20
10
Zener voltage V
Z
(V)
Tj
= 25°C
Dynamic
Charac-
teristics
MAZ3110
MAZ3130
MAZ3160
MAZ3200
MAZ3240
MAZ3270
MAZ3300
MAZ3330
MAZ3360
0.001
0.01
0.1
1
10
10−2
1
10−1
10
102
103
104
Pulse width t
W
(S)
(1)
(2)
(1) Without Printed-circuit board
(2) With a printed-circuit board
Thickness t = 1.6 mm
Copper foil t = 0.035 mm
Anode side area 10 mm2
Cathode side area 20 mm2
1
10−1
10
102
103
104
110
102
Zener current I
Z
(mA)
MAZ3020
MAZ3360
MAZ3033
MAZ3024
MAZ3300
MAZ3068
MAZ3120
MAZ3200
MAZ3047


Similar Part No. - MA3082-H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3082WA PANASONIC-MA3082WA Datasheet
18Kb / 1P
   Silicon planer type
More results

Similar Description - MA3082-H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com