Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR1150STR Datasheet(PDF) 11 Page - International Rectifier

Part # IR1150STR
Description  UPFC ONE CYCLE CONTROL PFC IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1150STR Datasheet(HTML) 11 Page - International Rectifier

Back Button IR1150STR Datasheet HTML 7Page - International Rectifier IR1150STR Datasheet HTML 8Page - International Rectifier IR1150STR Datasheet HTML 9Page - International Rectifier IR1150STR Datasheet HTML 10Page - International Rectifier IR1150STR Datasheet HTML 11Page - International Rectifier IR1150STR Datasheet HTML 12Page - International Rectifier IR1150STR Datasheet HTML 13Page - International Rectifier IR1150STR Datasheet HTML 14Page - International Rectifier IR1150STR Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.irf.com
11
IR1150S/IR1150IS(PbF)
9 V
10 V
11 V
12 V
13 V
-50 °C
0 °C
50 °C
100 °C
150 °C
Temperature
VCC ON
VCC UVLO
0 kHz
50 kHz
100 kHz
150 kHz
200 kHz
250 kHz
300 kHz
0 k
50 k
100 k
150 k
200 k
Programming Resistor
0.01
0.1
1
10
100
5 V
10 V
15 V
20 V
25 V
Supply voltage
Fig.1 - Supply Current
Fig. 2 - Under Voltage Lockout vs.
Temperature
Fig. 4 - Oscillator Frequency vs.
Temperature
Fig. 3 - Oscillator Frequency vs.
Programming Resistor
VCCUVLO
VCC ON
0 kHz
50 kHz
100 kHz
150 kHz
200 kHz
250 kHz
-50 °C
0 °C
50 °C
100 °C
150 °C
Temperature
RF=37k
RF=78k
RF=165k
RF
RF
RF


Similar Part No. - IR1150STR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1150STR IRF-IR1150STR Datasheet
925Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
IR1150STRPBF IRF-IR1150STRPBF Datasheet
925Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
More results

Similar Description - IR1150STR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1150 IRF-IR1150 Datasheet
925Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IR1155S IRF-IR1155S_15 Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IR1155S IRF-IR1155S Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
AN-1077 IRF-AN-1077 Datasheet
449Kb / 20P
   PFC Converter Design with IR1150 One Cycle Control IC
IR1152S IRF-IR1152S Datasheet
298Kb / 20P
   FIXED 66kHz FREQUENCY, 關PFC ONE CYCLE CONTROL PFC IC WITH BROWN-OUT PROTECTION
IRAC1152-350W IRF-IRAC1152-350W Datasheet
965Kb / 24P
   PFC IC with IR proprietary ?쏰ne Cycle Control
IRS2580DSPBF IRF-IRS2580DSPBF_15 Datasheet
32Kb / 1P
   PFC, ballast control and half-bridge driver in one IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com