Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT574L Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74FCT574L
Description  FAST CMOS OCTAL D REGISTERS (3-STATE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT574L Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FCT574L Datasheet HTML 1Page - Integrated Device Technology IDT74FCT574L Datasheet HTML 2Page - Integrated Device Technology IDT74FCT574L Datasheet HTML 3Page - Integrated Device Technology IDT74FCT574L Datasheet HTML 4Page - Integrated Device Technology IDT74FCT574L Datasheet HTML 5Page - Integrated Device Technology IDT74FCT574L Datasheet HTML 6Page - Integrated Device Technology IDT74FCT574L Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
IDT54/74FCT574/A/C
FAST CMOS OCTAL D REGISTER (3-STATE)
MILITARYANDCOMMERCIALTEMPERATURERANGES
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
54/74FCT574
54/74FCT574A
54/74FCT574C
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Conditions(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
CP to ON
CL = 50pF
RL = 500
2
10
2
11
2
6.5
2
7.2
2
5.2
2
6.2
ns
tPZH
tPZL
Output Enable Time
1.5
12.5
1.5
14
1.5
6.5
1.5
7.5
1.5
5.5
1.5
6.2
ns
tPHZ
tPLZ
Output Disable Time
1.5
8
1.5
8
1.5
5.5
1.5
6.5
1.5
5
1.5
5.7
ns
tSU
Set-up Time HIGH
or LOW, DN to CP
2—
2—
2—
2—
2—
2—
ns
tH
Hold Time HIGH
or LOW, DN to CP
1.5
1.5
1.5
1.5
1.5
1.5
ns
tW
CP Pulse Width
HIGH or LOW
7—
7—
5—
6—
5—
6—
ns


Similar Part No. - IDT74FCT574L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT573 IDT-IDT74FCT573 Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT573A IDT-IDT74FCT573A Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT573AD IDT-IDT74FCT573AD Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT573ADB IDT-IDT74FCT573ADB Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT573AE IDT-IDT74FCT573AE Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
More results

Similar Description - IDT74FCT574L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5474FCT374A IDT-IDT5474FCT374A Datasheet
91Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
74FCT574T IDT-74FCT574T Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT374T PERICOM-PI74FCT374T Datasheet
163Kb / 9P
   Fast CMOS Octal D Registers (3-State)
logo
Integrated Device Techn...
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
7130LA55P IDT-7130LA55P Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT646T IDT-IDT74FCT646T Datasheet
189Kb / 9P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
IDT74FCT3574 IDT-IDT74FCT3574 Datasheet
108Kb / 7P
   3.3V CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT2374AT IDT-IDT74FCT2374AT Datasheet
74Kb / 7P
   FAST CMOS OCTAL D REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT2374AT RENESAS-IDT74FCT2374AT Datasheet
244Kb / 8P
   FAST CMOS OCTAL D REGISTER (3-STATE)
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com