Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JQX115-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JQX115-F
Description  16A 1 POLE PC BOARD TYPE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JQX115-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JQX115-F Datasheet HTML 1Page - List of Unclassifed Manufacturers JQX115-F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
   

 

      




  ••••    !
••••  "#$ 
•••• % &'(')*) )#( *# )#*+)*
•••• #, '* -. $$
•••• '+('& / '+('& *01' +2+(+3('



 


  •••• ''1+' &*+)' !$$

!
!
!
!
  !
!
!
!
  



      
   
     
   
 
   
!"  # 
 
  
 $ %
!" & 
 
 "   $
''
 "   
 
  ("
 # 
  )  
 "   &"
' 
*&      
+ 
      
, 
  
  ) 
 &
 , & - 
.&  
   $
 
/ 
 -
 0
 
 $
 -
  
.1 2  ) 
)  &
 (   
   34 )
  
  &  +) &-  
3 # %
,5  25
(  &
1'  2
6&#
7 8  
*& 
6 
  &  , &-  
.  
9!
!

:  "  
, 
;   &"
' <
 
 
 !
!
!
!
   
; 


9 01&


&1



  ) ° 

  
  ) ° 

,

2
)
5

')

+
=
5

2'
)
,,,
,
5

2
)'
+
''
5

,,
'2
2,
+
5

')

2
+
5

++

',
))
5







Similar Part No. - JQX115-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX14-FF ETC1-JQX14-FF Datasheet
110Kb / 2P
   Single-Pole, 10A, PC Borad & QC terminal
More results

Similar Description - JQX115-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX-105F-5 ETC1-JQX-105F-5 Datasheet
112Kb / 2P
   30A 1 POLE PC BOARD TYPE
logo
Fujitsu Component Limit...
FTR-K1 FUJITSU-FTR-K1 Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
logo
List of Unclassifed Man...
JRC-23F ETC1-JRC-23F Datasheet
102Kb / 3P
   LOW SIGNAL RELAYS 1 POLE PC BOARD TYPE
logo
Fujitsu Component Limit...
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
logo
Tyco Electronics
OSZ-SS-112DM8 MACOM-OSZ-SS-112DM8 Datasheet
49Kb / 2P
   1 Pole Miniature Power PC Board Relay
logo
Fujitsu Component Limit...
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
logo
Tyco Electronics
OMIH-SH-105D MACOM-OMIH-SH-105D Datasheet
118Kb / 2P
   16A Miniature Power PC Board Relay
OZ-SH-105D MACOM-OZ-SH-105D Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com