Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1020DK-868 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC1020DK-868
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020DK-868 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1020DK-868 Datasheet HTML 4Page - Texas Instruments CC1020DK-868 Datasheet HTML 5Page - Texas Instruments CC1020DK-868 Datasheet HTML 6Page - Texas Instruments CC1020DK-868 Datasheet HTML 7Page - Texas Instruments CC1020DK-868 Datasheet HTML 8Page - Texas Instruments CC1020DK-868 Datasheet HTML 9Page - Texas Instruments CC1020DK-868 Datasheet HTML 10Page - Texas Instruments CC1020DK-868 Datasheet HTML 11Page - Texas Instruments CC1020DK-868 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
CC1020
SWRS046
Page 8 of 92
4.2.
RF Receive Section
Parameter
Min
Typ
Max
Unit
Condition / Note
Receiver Sensitivity, 433 MHz, FSK
12.5 kHz channel spacing, optimized
selectivity, ±2.025 kHz freq. deviation
12.5 kHz channel spacing, optimized
sensitivity, ±2.025 kHz freq. deviation
25 kHz channel spacing
500 kHz channel spacing
Receiver Sensitivity, 868 MHz, FSK
12.5 kHz channel spacing, ±2.475
kHz freq. deviation
25 kHz channel spacing
500 kHz channel spacing
-114
-118
-112
-96
-116
-111
-94
dBm
dBm
dBm
dBm
dBm
dBm
dBm
Sensitivity is measured with PN9
sequence at BER = 10
−3
12.5 kHz channel spacing:
2.4 kBaud, Manchester coded
data.
25 kHz channel spacing:
4.8 kBaud, NRZ coded data,
±2.475 kHz frequency deviation.
500 kHz channel spacing:
153.6 kBaud, NRZ coded data,
±72 kHz frequency deviation.
See Table 19 and Table 20 for
typical sensitivity figures at other
data rates.
Receiver sensitivity, 433 MHz, OOK
2.4 kBaud
153.6 kBaud
Receiver sensitivity, 868 MHz, OOK
4.8 kBaud
153.6 kBaud
-116
-81
-107
-87
dBm
dBm
dBm
dBm
Sensitivity is measured with PN9
sequence at BER = 10
−3
Manchester coded data.
See Table 27 for typical
sensitivity figures at other data
rates.
Saturation (maximum input level)
FSK and OOK
10
dBm
FSK: Manchester/NRZ coded
data
OOK: Manchester coded data
BER = 10
−3
System noise bandwidth
9.6
to
307.2
kHz
The receiver channel filter 6 dB
bandwidth is programmable from
9.6 kHz to 307.2 kHz. See
section 12.2 on page 30 for
details.
Noise figure, cascaded
433 and 868 MHz
7
dB
NRZ coded data
Input IP3
433 MHz, 12.5 kHz channel spacing
868 MHz, 25 kHz channel spacing
-23
-18
-16
-18
-15
-13
dBm
dBm
dBm
dBm
dBm
dBm
Two tone test (+10 MHz and +20
MHz)
LNA2 maximum gain
LNA2 medium gain
LNA2 minimum gain
LNA2 maximum gain
LNA2 medium gain
LNA2 minimum gain


Similar Part No. - CC1020DK-868

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1020 TI-CC1020 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
More results

Similar Description - CC1020DK-868

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1021 TI-CC1021 Datasheet
959Kb / 92P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_16 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020RSSR TI1-CC1020RSSR Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1070 TI-CC1070_12 Datasheet
1,008Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com