Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1020DK-868 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC1020DK-868
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020DK-868 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1020DK-868 Datasheet HTML 6Page - Texas Instruments CC1020DK-868 Datasheet HTML 7Page - Texas Instruments CC1020DK-868 Datasheet HTML 8Page - Texas Instruments CC1020DK-868 Datasheet HTML 9Page - Texas Instruments CC1020DK-868 Datasheet HTML 10Page - Texas Instruments CC1020DK-868 Datasheet HTML 11Page - Texas Instruments CC1020DK-868 Datasheet HTML 12Page - Texas Instruments CC1020DK-868 Datasheet HTML 13Page - Texas Instruments CC1020DK-868 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
CC1020
SWRS046
Page 10 of 92
Parameter
Min
Typ
Max
Unit
Condition / Note
Intermodulation rejection (1)
12.5 kHz channel spacing, 433 MHz
25 kHz channel spacing, 868 MHz
30
30
dB
dB
Wanted signal 3 dB above the
sensitivity level, two CW jammers
at +2Ch and +4Ch where Ch is
channel spacing 12.5 kHz or 25
kHz. BER = 10
−2
Intermodulation rejection (2)
12.5 kHz channel spacing, 433 MHz
25 kHz channel spacing, 868 MHz
56
55
dB
dB
Wanted signal 3 dB above the
sensitivity level, two CW jammers
at +10 MHz and +20 MHz offset.
BER = 10
−2
LO leakage, 433/868 MHz
<-80/-66
dBm
VCO leakage
-64
dBm
VCO frequency resides between
1608 – 1880 MHz
Spurious emission, radiated CW
9 kHz – 1 GHz
1 – 4 GHz
<-60
<-60
dBm
dBm
Complying with EN 300 220,
FCC CFR47 part 15 and ARIB
STD T-67.
Spurious emissions can be
measured as EIRP values
according to EN 300 220.
Input impedance
433 MHz
868 MHz
58 – j10
54 – j22
Receive mode. See section 14 on
page 46 for details.
Matched input impedance, S11
433 MHz
868 MHz
-14
-12
dB
dB
Using application circuit matching
network. See section 14 on page
46 for details.
Matched input impedance
433 MHz
868 MHz
39 – j14
32 – j10
Using application circuit matching
network. See section 14 on page
46 for details.
Bit synchronization offset
8000
ppm
The maximum bit rate offset
tolerated by the bit
synchronization circuit for 6 dB
degradation (synchronous modes
only)
Data latency
NRZ mode
Manchester mode
4
8
Baud
Baud
Time from clocking the data on
the transmitter DIO pin until data
is available on receiver DIO pin
Table 4. RF receive parameters


Similar Part No. - CC1020DK-868

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1020 TI-CC1020 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
More results

Similar Description - CC1020DK-868

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1021 TI-CC1021 Datasheet
959Kb / 92P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_16 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020RSSR TI1-CC1020RSSR Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1070 TI-CC1070_12 Datasheet
1,008Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com