Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222203754471 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 222203754471
Description  Aluminum Capacitors Radial Standard Miniature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222203754471 Datasheet(HTML) 4 Page - Vishay Siliconix

  222203754471 Datasheet HTML 1Page - Vishay Siliconix 222203754471 Datasheet HTML 2Page - Vishay Siliconix 222203754471 Datasheet HTML 3Page - Vishay Siliconix 222203754471 Datasheet HTML 4Page - Vishay Siliconix 222203754471 Datasheet HTML 5Page - Vishay Siliconix 222203754471 Datasheet HTML 6Page - Vishay Siliconix 222203754471 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Document Number: 28310
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 16-Nov-05
105
037 RSM
Aluminum Capacitors
Radial Standard Miniature
Vishay BCcomponents
25
47
5
× 11
120
15
0.14
4.7
56479
2.0
−−
36479
5.0
76479
2.5
68
6.3
× 11
130
20
0.14
3.2
56689
2.5
−−
36689
5.0
76689
2.5
100
6.3
× 11
190
28
0.14
2.2
90047
2.5
−−
90054
5.0
90055
2.5
150
8
× 12
230
41
0.14
1.5
56151
3.5
−−
36151
5.0
76151
3.5
220
8
× 12
320
58
0.14
1.0
56221
3.5
−−
36221
5.0
76221
3.5
330
10
× 12
410
86
0.14
0.67
56331
5.0
66331
5.0
36331
5.0
−−
470
10
× 16
510
120
0.14
0.47
56471
5.0
66471
5.0
36471
5.0
−−
1000
12.5
× 20
910
250
0.14
0.22
56102
5.0
66102
5.0
36102
5.0
−−
1500
12.5
× 25
1100
380
0.15
0.15
56152
5.0
66152
5.0
36152
5.0
−−
2200
16
× 25
1500
550
0.16
0.10
56222
7.5
66222
7.5
36222
7.5
−−
3300
16
× 31
1900
830
0.18
0.07
56332
7.5
66332
7.5
36332
7.5
−−
35
33
5
× 11
110
15
0.12
4.5
50339
2.0
−−
30339
5.0
70339
2.5
220
10
× 12
330
80
0.12
0.68
50221
5.0
60221
5.0
30221
5.0
−−
330
10
× 16
450
120
0.12
0.45
50331
5.0
60331
5.0
30331
5.0
−−
470
10
× 20
590
170
0.12
0.32
50471
5.0
60471
5.0
30471
5.0
−−
680
12.5
× 20
830
240
0.12
0.22
50681
5.0
60681
5.0
30681
5.0
−−
1000
12.5
× 25
1050
350
0.12
0.15
50102
5.0
60102
5.0
30102
5.0
−−
1500
16
× 25
1400
530
0.13
0.10
50152
7.5
60152
7.5
30152
7.5
−−
2200
16
× 31
1750
770
0.14
0.07
50222
7.5
60222
7.5
30222
7.5
−−
40
150
10
× 12
250
63
0.12
0.87
57151
5.0
67151
5.0
37151
5.0
−−
470
12.5
× 20
670
190
0.12
0.28
57471
5.0
67471
5.0
37471
5.0
−−
680
12.5
× 25
850
280
0.12
0.19
57681
5.0
67681
5.0
37681
5.0
−−
1000
16
× 25
1200
400
0.12
0.13
57102
7.5
67102
7.5
37102
7.5
−−
50
10
5
× 11
65
8
0.10
9.5
51109
2.0
−−
31109
5.0
71109
2.5
22
5
× 11
95
14
0.10
4.3
90056
2.0
−−
90063
5.0
90064
2.5
47
6.3
× 11
150
27
0.10
2.0
90065
2.5
−−
90072
5.0
90073
2.5
68
8
× 12
190
37
0.10
1.4
51689
3.5
−−
31689
5.0
71689
3.5
100
8
× 12
260
53
0.10
0.95
51101
3.5
−−
31101
5.0
71101
3.5
220
10
× 16
400
110
0.10
0.43
51221
5.0
61221
5.0
31221
5.0
−−
330
10
× 20
580
170
0.10
0.29
51331
5.0
61331
5.0
31331
5.0
−−
470
12.5
× 20
740
240
0.10
0.20
51471
5.0
61471
5.0
31471
5.0
−−
680
12.5
× 25
950
340
0.10
0.14
51681
5.0
61681
5.0
31681
5.0
−−
1000
16
× 25
1350
500
0.10
0.10
51102
7.5
61102
7.5
31102
7.5
−−
63
0.47
5
× 11
11
3.3
0.09
170
58477
2.0
−−
38477
5.0
78477
2.5
1.0
5
× 11
16
3.6
0.09
80
58108
2.0
−−
38108
5.0
78108
2.5
2.2
5
× 11
29
4.4
0.09
36
58228
2.0
−−
38228
5.0
78228
2.5
3.3
5
× 11
35
5.1
0.09
24
58338
2.0
−−
38338
5.0
78338
2.5
4.7
5
× 11
45
6.0
0.09
17
58478
2.0
−−
38478
5.0
78478
2.5
10
5
× 11
70
9.3
0.09
8.0
58109
2.0
−−
38109
5.0
78109
2.5
22
6.3
× 11
110
17
0.09
3.6
58229
2.5
−−
38229
5.0
78229
2.5
33
6.3
× 11
140
24
0.09
2.4
90074
2.5
−−
90081
5.0
90082
2.5
47
8
× 12
190
33
0.09
1.7
58479
3.5
−−
38479
5.0
78479
3.5
68
10
× 12
200
46
0.09
1.2
58689
5.0
68689
5.0
38689
5.0
−−
100
10
× 12
260
66
0.09
0.80
58101
5.0
68101
5.0
38101
5.0
−−
150
10
× 16
320
98
0.09
0.53
58151
5.0
68151
5.0
38151
5.0
−−
220
10
× 20
460
140
0.09
0.36
58221
5.0
68221
5.0
38221
5.0
−−
330
12.5
× 20
650
210
0.09
0.24
58331
5.0
68331
5.0
38331
5.0
−−
470
12.5
× 25
850
300
0.09
0.17
58471
5.0
68471
5.0
38471
5.0
−−
680
16
× 25
1150
430
0.09
0.12
58681
7.5
68681
7.5
38681
7.5
−−
1000
16
× 31
1550
630
0.09
0.08
58102
7.5
68102
7.5
38102
7.5
−−
100
0.47
5
× 11
12
3.5
0.07
130
59477
2.0
−−
39477
5.0
79477
2.5
1.0
5
× 11
22
4
0.07
60
59108
2.0
−−
39108
5.0
79108
2.5
2.2
5
× 11
33
5.2
0.07
27
59228
2.0
−−
39228
5.0
79228
2.5
3.3
5
× 11
40
6.3
0.07
18
59338
2.0
−−
39338
5.0
79338
2.5
4.7
5
× 11
48
7.7
0.07
13
59478
2.0
−−
39478
5.0
79478
2.5
10
6.3
× 11
80
13
0.07
6.0
59109
2.5
−−
39109
5.0
79109
2.5
22
8
× 12
130
25
0.07
2.7
59229
3.5
−−
39229
5.0
79229
3.5
33
10
× 12
160
36
0.07
1.8
59339
5.0
69339
5.0
39339
5.0
−−
47
10
× 16
210
50
0.07
1.3
59479
5.0
69479
5.0
39479
5.0
−−
100
10
× 20
350
100
0.07
0.60
59101
5.0
69101
5.0
39101
5.0
−−
220
12.5
× 25
580
220
0.07
0.27
59221
5.0
69221
5.0
39221
5.0
−−
330
16
× 25
710
330
0.07
0.18
59331
7.5
69331
7.5
39331
7.5
−−
470
16
× 31
900
470
0.07
0.13
59471
7.5
69471
7.5
39471
7.5
−−
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
∅D × L
(mm)
IR
100 Hz
85
°C
(mA)
IL1
1min
(µA)
Tan
δ
100 Hz
Z
10 kHz
(
Ω)
CATALOG NUMBER 2222 037 .....
BULK PACKAGING
TAPED AMMOPACK
LONG LEADS
CUT LEADS
FORM
CA
F
(mm)
FORM
CB
F
(mm)
FORM
TFA
F
(mm)
FORM
TNA
F
(mm)


Similar Part No. - 222203754471

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
More results

Similar Description - 222203754471

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
038RSU VISHAY-038RSU Datasheet
133Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
038RSU VISHAY-038RSU_12 Datasheet
124Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 14-Mar-12
038RSU VISHAY-038RSU_17 Datasheet
133Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
Revision: 28-Feb-17
038RSU VISHAY-038RSU_V01 Datasheet
112Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
01-Jan-2023
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com