Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV400CTMC-55R Datasheet(PDF) 4 Page - Macronix International

Part # MX29LV400CTMC-55R
Description  4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV400CTMC-55R Datasheet(HTML) 4 Page - Macronix International

  MX29LV400CTMC-55R Datasheet HTML 1Page - Macronix International MX29LV400CTMC-55R Datasheet HTML 2Page - Macronix International MX29LV400CTMC-55R Datasheet HTML 3Page - Macronix International MX29LV400CTMC-55R Datasheet HTML 4Page - Macronix International MX29LV400CTMC-55R Datasheet HTML 5Page - Macronix International MX29LV400CTMC-55R Datasheet HTML 6Page - Macronix International MX29LV400CTMC-55R Datasheet HTML 7Page - Macronix International MX29LV400CTMC-55R Datasheet HTML 8Page - Macronix International MX29LV400CTMC-55R Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
4
P/N:PM1155
MX29LV400C T/B
REV. 1.5, APR. 24, 2006
BLOCK STRUCTURE
Table 1: MX29LV400CT SECTOR ARCHITECTURE
Note: Byte mode:address range A17:A-1, word mode:address range A17:A0.
Sector
Sector Size
Address range
Sector Address
Byte Mode Word Mode
Byte Mode (x8)
Word Mode (x16)
A17 A16
A15
A14
A13
A12
SA0
64Kbytes
32Kwords
00000-0FFFF
00000-07FFF
0
0
0
X
X
X
SA1
64Kbytes
32Kwords
10000-1FFFF
08000-0FFFF
0
0
1
X
X
X
SA2
64Kbytes
32Kwords
20000-2FFFF
10000-17FFF
0
1
0
X
X
X
SA3
64Kbytes
32Kwords
30000-3FFFF
18000-1FFFF
0
1
1
X
X
X
SA4
64Kbytes
32Kwords
40000-4FFFF
20000-27FFF
1
0
0
X
X
X
SA5
64Kbytes
32Kwords
50000-5FFFF
28000-2FFFF
1
0
1
X
X
X
SA6
64Kbytes
32Kwords
60000-6FFFF
30000-37FFF
1
1
0
X
X
X
SA7
32Kbytes
16Kwords
70000-77FFF
38000-3BFFF
1
1
1
0
X
X
SA8
8Kbytes
4Kwords
78000-79FFF
3C000-3CFFF
1
1110
0
SA9
8Kbytes
4Kwords
7A000-7BFFF
3D000-3DFFF
1
1110
1
SA10
16Kbytes
8Kwords
7C000-7FFFF
3E000-3FFFF
1
1111
X
Sector
Sector Size
Address range
Sector Address
Byte Mode Word Mode
Byte Mode (x8)
Word Mode (x16)
A17 A16
A15
A14
A13
A12
SA0
16Kbytes
8Kwords
00000-03FFF
00000-01FFF
0
0000
X
SA1
8Kbytes
4Kwords
04000-05FFF
02000-02FFF
0
0001
0
SA2
8Kbytes
4Kwords
06000-07FFF
03000-03FFF
0
0001
1
SA3
32Kbytes
16Kwords
08000-0FFFF
04000-07FFF
0
0
0
1
X
X
SA4
64Kbytes
32Kwords
10000-1FFFF
08000-0FFFF
0
0
1
X
X
X
SA5
64Kbytes
32Kwords
20000-2FFFF
10000-17FFF
0
1
0
X
X
X
SA6
64Kbytes
32Kwords
30000-3FFFF
18000-1FFFF
0
1
1
X
X
X
SA7
64Kbytes
32Kwords
40000-4FFFF
20000-27FFF
1
0
0
X
X
X
SA8
64Kbytes
32Kwords
50000-5FFFF
28000-2FFFF
1
0
1
X
X
X
SA9
64Kbytes
32Kwords
60000-6FFFF
30000-37FFF
1
1
0
X
X
X
SA10
64Kbytes
32Kwords
70000-7FFFF
38000-3FFFF
1
1
1
X
X
X
Table 2: MX29LV400CB SECTOR ARCHITECTURE
Note: Byte mode:address range A17:A-1, word mode:address range A17:A0.


Similar Part No. - MX29LV400CTMC-55R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400CTMC55Q MCNIX-MX29LV400CTMC55Q Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CTMC70G MCNIX-MX29LV400CTMC70G Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CTMC90G MCNIX-MX29LV400CTMC90G Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV400CTMC-55R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com