Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3211 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A3211
Description  Micropower, Ultra-sensitive Hall-effect Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3211 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A3211 Datasheet HTML 5Page - Allegro MicroSystems A3211 Datasheet HTML 6Page - Allegro MicroSystems A3211 Datasheet HTML 7Page - Allegro MicroSystems A3211 Datasheet HTML 8Page - Allegro MicroSystems A3211 Datasheet HTML 9Page - Allegro MicroSystems A3211 Datasheet HTML 10Page - Allegro MicroSystems A3211 Datasheet HTML 11Page - Allegro MicroSystems A3211 Datasheet HTML 12Page - Allegro MicroSystems A3211 Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Micropower, Ultrasensitive
Hall-Effect Switches
A3211 and
A3212
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package EH, 6-Contact DFN
C
0.08
7X
C
SEATING
PLANE
6
2
1
A
A
Terminal #1 mark area
B
Exposed thermal pad (reference only, terminal #1
identifier appearance at supplier discretion)
For Reference Only, not for tooling use (reference DWG-2861;
reference JEDEC MO-229WCED, Type 1)
Dimensions in millimeters
Exact case and lead configuration at supplier discretion within limits shown
C
Reference land pattern layout;
All pads a minimum of 0.20 mm from all adjacent pads; adjust as
necessary to meet application process requirements and PCB layout
tolerances; when mounting on a multilayer PCB, thermal vias at the
exposed thermal pad land can improve thermal dissipation (reference
EIA/JEDEC Standard JESD51-5)
Hall Element (not to scale); U.S. customary dimensions controlling
Branding scale and appearance at supplier discretion
E
E
E
1
6
B
2
F
E
F
Active Area Depth, 0.32 mm NOM
1.00
3.70 1.25
0.50
0.95
0.30
1
6
G
G
PCB Layout Reference View
C
2.00 ±0.15
0.88
1.57
3.00 ±0.15
0.75 ±0.05
1.224 ±0.050
1.042
+0.100
–0.150
0.25 ±0.05
0.5 BSC
0.55 ±0.10
D
D
Coplanarity includes exposed thermal pad and terminals
Standard Branding Reference View
Y = Last two digits of year of manufacture
W = Week of manufacture
L = Lot number
N = Last two digits of device part number
YWW
LLL
NN
1


Similar Part No. - A3211

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3211 ALLEGRO-A3211 Datasheet
296Kb / 13P
   Micropower, Ultrasensitive
A3211 ALLEGRO-A3211_16 Datasheet
595Kb / 13P
   Micropower, Ultrasensitive Hall-Effect Switches
More results

Similar Description - A3211

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3210EUA ALLEGRO-A3210EUA Datasheet
861Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3213 ALLEGRO-A3213 Datasheet
326Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A3213 ALLEGRO-A3213_16 Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
logo
Diodes Incorporated
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
AH1801 DIODES-AH1801_09 Datasheet
157Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1801 Rev. 7
AH1803 DIODES-AH1803 Datasheet
131Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com