Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC87C52-20CJD Datasheet(PDF) 8 Page - TEMIC Semiconductors

Part # TSC87C52-20CJD
Description  CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC87C52-20CJD Datasheet(HTML) 8 Page - TEMIC Semiconductors

Back Button TSC87C52-20CJD Datasheet HTML 4Page - TEMIC Semiconductors TSC87C52-20CJD Datasheet HTML 5Page - TEMIC Semiconductors TSC87C52-20CJD Datasheet HTML 6Page - TEMIC Semiconductors TSC87C52-20CJD Datasheet HTML 7Page - TEMIC Semiconductors TSC87C52-20CJD Datasheet HTML 8Page - TEMIC Semiconductors TSC87C52-20CJD Datasheet HTML 9Page - TEMIC Semiconductors TSC87C52-20CJD Datasheet HTML 10Page - TEMIC Semiconductors TSC87C52-20CJD Datasheet HTML 11Page - TEMIC Semiconductors TSC87C52-20CJD Datasheet HTML 12Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TSC87C52
8
Rev. C – 10 Sept 1997
Preliminary
MATRA MHS
When in mode 2 and 3 (9–bit mode), RI flag is set during stop bit if framing error is enabled or during ninth bit if not
(see Figure 5).
RI
TI
RB8
TB8
REN
SM2
SM1
SM0/FE
IDL
PD
GF0
GF1
POF
SMOD0
SMOD1
To UART framing error control
SM0 to UART mode control
Set FE bit if stop bit is 0 (framing error)
Figure 3 Framing error block diagram
Data byte
RI
SMOD0=X
Stop
bit
Start
bit
RXD
D7
D6
D5
D4
D3
D2
D1
D0
FE
SMOD0=1
Figure 4 Enhanced UART timing diagram in mode 1
RI
SMOD0=0
Data byte
Ninth
bit
Stop
bit
Start
bit
RXD
D8
D7
D6
D5
D4
D3
D2
D1
D0
RI
SMOD0=1
FE
SMOD0=1
Figure 5 Enhanced UART timing diagram in mode 2 and 3
Table 4 SCON – Serial Control Register (98h)
765432
10
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
Symbol
Description
FE
SM0
Framing Error bit (SMOD0 bit set)
Set by hardware when an invalid stop bit is detected.
Clear to reset the error state, not cleared by a valid stop bit.
Serial Mode bit 0 (SMOD0 bit cleared)
Used with SM1 to select serial mode.
SM1
Serial Mode bit 1
Used with SM0 to select serial mode.
SM2
Multiprocessor Communication Enable bit
Set to enable multiprocessor communication feature in mode 2 and 3.
Clear to disable multiprocessor communication feature.


Similar Part No. - TSC87C52-20CJD

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C52-12CA TEMIC-TSC87C52-12CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-12CB TEMIC-TSC87C52-12CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CA TEMIC-TSC87C52-16CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CB TEMIC-TSC87C52-16CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
More results

Similar Description - TSC87C52-20CJD

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com