Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV640BBTC-90G Datasheet(PDF) 3 Page - Macronix International

Part # MX29LV640BBTC-90G
Description  64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV640BBTC-90G Datasheet(HTML) 3 Page - Macronix International

  MX29LV640BBTC-90G Datasheet HTML 1Page - Macronix International MX29LV640BBTC-90G Datasheet HTML 2Page - Macronix International MX29LV640BBTC-90G Datasheet HTML 3Page - Macronix International MX29LV640BBTC-90G Datasheet HTML 4Page - Macronix International MX29LV640BBTC-90G Datasheet HTML 5Page - Macronix International MX29LV640BBTC-90G Datasheet HTML 6Page - Macronix International MX29LV640BBTC-90G Datasheet HTML 7Page - Macronix International MX29LV640BBTC-90G Datasheet HTML 8Page - Macronix International MX29LV640BBTC-90G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
3
P/N:PM1076
REV. 1.2, SEP. 07, 2005
MX29LV640BT/BB
PIN CONFIGURATION
48 TSOP
A15
A14
A13
A12
A11
A10
A9
A8
A19
A20
WE#
RESET#
A21
WP#/ACC
RY/BY#
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
BYTE#
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
Q11
Q3
Q10
Q2
Q9
Q1
Q8
Q0
OE#
GND
CE#
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MX29LV640BT/BB
63 Ball CSP (Top View, Ball Down)
A13
A9
WE#
RY/
BY#
A7
A3
A
* Ball are shorted together via the substrate but not connected to the die.
8
7
6
5
4
3
2
1
BC
D
E
F
G
H
J
K
L
M
A12
NC
NC
A8
RES-
ET#
WP#/
ACC
A17
A4
A14
A10
A21
A18
A6
A2
A15
A11
A19
A20
A5
A1
A16
Q7
Q5
Q2
Q0
A0
BYTE#
Q14
Q12
Q10
Q8
CE#
Q15/
A-1
Q13
VCC
Q11
Q9
OE#
GND
Q6
Q4
Q3
Q1
GND
NC*
NC*
NC*
NC*
12.0 mm
11.0 mm
NC*
NC*
NC
NC
NC*
NC*
NC*
NC*
NC*


Similar Part No. - MX29LV640BBTC-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640BTC-12 MCNIX-MX29LV640BTC-12 Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BTC-12G MCNIX-MX29LV640BTC-12G Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BTC-90 MCNIX-MX29LV640BTC-90 Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BTC-90G MCNIX-MX29LV640BTC-90G Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BTI-12 MCNIX-MX29LV640BTI-12 Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV640BBTC-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E Datasheet
728Kb / 61P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
MX29LV640D MCNIX-MX29LV640D Datasheet
798Kb / 62P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
MX29LV128D MCNIX-MX29LV128D Datasheet
886Kb / 73P
   128M-BIT [16M x 8/8M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTB MCNIX-MX29LV320MTB Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320AT MCNIX-MX29LV320AT Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320T MCNIX-MX29LV320T Datasheet
949Kb / 63P
   32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com